Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS70N30C Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS70N30C
Description  N-CHANNEL MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS70N30C Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS70N30C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS70N30C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS70N30C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS70N30C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS70N30C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS70N30C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS70N30C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS70N30C Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS70N30C Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
R
JCS70N30C
版本:202205B
4/10
电特性 ELECTRICAL CHARACTERISTICS
开关特性 Switching Characteristics
延迟时间 Turn-On delay time
td(on)
VDD=150V,ID=70A,RG=25Ω,
VGS =10V
(note 4,5)
-
80.8
ns
上升时间 Turn-On rise time
tr
-
227.2
ns
延迟时间 Turn-Off delay time
td(off)
-
327.8
ns
下降时间 Turn-Off Fall time
tf
-
191.6
ns
栅极电荷总量 Total Gate Charge
Qg
VDS =240V ,
ID=70A
VGS =10V (note 4,5)
-
115.1
nC
栅-源电荷 Gate-Source charge
Qgs
-
28.56
nC
栅-漏电荷 Gate-Drain charge
Qgd
-
54.25
nC
漏-源二极管特性及最大额定值 Drain-Source Diode Characteristics and Maximum Ratings
正向最大连续电流
Maximum Continuous Drain
-Source Diode Forward Current
IS
-
-
70
A
正向最大脉冲电流
Maximum Pulsed Drain-Source
Diode Forward Current
ISM
-
-
280
A
正向压降
Drain-Source Diode Forward
Voltage
VSD
VGS=0V,
IS=70.0A
-
-
1.4
V
反向恢复电流
Reverse Recovery Current
IRRM
VGS=0V,
IS=30A
dIF
/dt=100A/μs (note 4)
22.36
A
反向恢复时间
Reverse recovery time
trr
-
245.2
-
ns
反向恢复电荷
Reverse recovery charge
Qrr
-
2677.8
-
nC
热特性 THERMAL CHARACTERISTIC
项
目
Parameter
符
号
Symbol
最大
Max
单位
Unit
JCS70N30WC/ABC
结到管壳的热阻
Thermal Resistance, Junction to Case
Rth(j-c)
0.165
℃/W
结到环境的热阻
Thermal Resistance, Junction to Ambient
Rth(j-A)
62.5
℃/W
注释:
1:脉冲宽度由最高结温限制
2:L=2.5mH, IAS=70A, VDD=50V, RG
=25 Ω, 起始结温
TJ=25℃
3:ISD
≤70A, di/dt≤200A/μs,VDD≤BVDSS,起始结温
TJ=25℃
4:脉冲测试:脉冲宽度
≤300μs,占空比≤2% ,受测试设
备限制。
5:基本与工作温度无关
Notes:
1: Pulse width limited by maximum junction temperature
2:L=2.5mH, IAS=70A, VDD=50V, RG
=25 Ω,Starting TJ=25℃
3:ISD
≤70A, di/dt≤200A/μs,VDD≤BVDSS,Starting
TJ=25℃
4:Pulse Test:Pulse Width
≤300μs,Duty Cycle≤2%,
limited by equipment.
5:Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com