Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8626ARMZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD8626ARMZ
Description  Precision Low Power Single-Supply JFET Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8626ARMZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8626ARMZ Datasheet HTML 10Page - Analog Devices AD8626ARMZ Datasheet HTML 11Page - Analog Devices AD8626ARMZ Datasheet HTML 12Page - Analog Devices AD8626ARMZ Datasheet HTML 13Page - Analog Devices AD8626ARMZ Datasheet HTML 14Page - Analog Devices AD8626ARMZ Datasheet HTML 15Page - Analog Devices AD8626ARMZ Datasheet HTML 16Page - Analog Devices AD8626ARMZ Datasheet HTML 17Page - Analog Devices AD8626ARMZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8625/AD8626/AD8627
Data Sheet
Rev. F | Page 14 of 20
The AD862x can safely withstand input voltages 15 V below
VSY if the total voltage between the positive supply and the input
terminal is less than 26 V. Figure 41 through Figure 43 show the
AD862x in different configurations accommodating signals
close to the negative rail. The amplifier input stage typically
maintains picoamp-level input currents across that input
voltage range.
TIME (2
µs/DIV)
+5V
20k
Ω
10k
Ω
0V
–2.5V
VSY = 5V, 0V
5V
0V
Figure 41. Gain-of-Two Inverter Response to 2.5 V Step,
Centered 1.25 V below Ground
TIME (2
µs/DIV)
5V
60mV
20mV
600
Ω
0V
VSY = 5V
RL = 600Ω
0V
Figure 42. Unity Gain Follower Response to 40 mV Step,
Centered 40 mV above Ground
TIME (2
µs/DIV)
+5V
20k
Ω
10k
Ω
–10mV
–30mV
0V
VSY = 5V
0V
Figure 43. Gain-of-Two Inverter Response to 20 mV Step,
Centered 20 mV below Ground
The AD862x is designed for 16 nV/√Hz wideband input voltage
noise and maintains low noise performance to low frequencies,
as shown in Figure 35. This noise performance, along with the
AD862x’s low input current and current noise, means that the
AD862x contributes negligible noise for applications with large
source resistances.
The AD862x has a unique bipolar rail-to-rail output stage that
swings within 5 mV of the rail when up to 2 mA of current is
drawn. At larger loads, the drop-out voltage increases, as shown
in Figure 17 and Figure 18. The AD862x’s wide bandwidth and
fast slew rate allows it to be used with faster signals than older
single-supply JFETs. Figure 44 shows the response of the
AD862x, configured in unity gain, to a VIN of 20 V p-p at
50 kHz. The full-power bandwidth (FPBW) of the part is close
to 100 kHz.
TIME (5
µs/DIV)
VSY = ±13V
RL = 600Ω
0V
Figure 44. Unity Gain Follower Response to 20 V, 50 kHz Input Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com