Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8627AKSZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8627AKSZ-R2
Description  Precision Low Power Single-Supply JFET Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8627AKSZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8627AKSZ-R2 Datasheet HTML 12Page - Analog Devices AD8627AKSZ-R2 Datasheet HTML 13Page - Analog Devices AD8627AKSZ-R2 Datasheet HTML 14Page - Analog Devices AD8627AKSZ-R2 Datasheet HTML 15Page - Analog Devices AD8627AKSZ-R2 Datasheet HTML 16Page - Analog Devices AD8627AKSZ-R2 Datasheet HTML 17Page - Analog Devices AD8627AKSZ-R2 Datasheet HTML 18Page - Analog Devices AD8627AKSZ-R2 Datasheet HTML 19Page - Analog Devices AD8627AKSZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8625/AD8626/AD8627
Data Sheet
Rev. F | Page 16 of 20
OUTPUT AMPLIFIER FOR DACs
Many system designers use amplifiers as buffers on the output
of amplifiers to increase the DAC’s output driving capability.
The high resolution current output DACs need high precision
amplifiers on their output as current-to-voltage converters
(I/V). Additionally, many DACs operate with a single supply of
5 V. In a single-supply application, selection of a suitable op
amp may be more difficult because the output swing of the
amplifier does not usually include the negative rail, in this case
AGND. This can result in some degradation of the DAC’s
specified performance, unless the application does not use
codes near zero. The selected op amp needs to have very low
offset voltage—for a 14-bit DAC, the DAC LSB is 300 µV with a
5 V reference—to eliminate the need for output offset trims.
Input bias current should also be very low because the bias
current multiplied by the DAC output impedance (about 10 kΩ
in some cases) adds to the zero-code error. Rail-to-rail input and
output performance is desired. For fast settling, the slew rate of
the op amp should not impede the settling time of the DAC.
Output impedance of the DAC is constant and code
independent, but in order to minimize gain errors, the input
impedance of the output amplifier should be as high as possible.
The AD862x, with a very high input impedance, IB of 1 pA,
and a fast slew rate, is an ideal amplifier for these types of
applications. A typical configuration with a popular DAC is
shown in Figure 46. In these situations, the amplifier adds
another time constant to the system, increasing the settling time
of the output. The AD862x, with 5 MHz of BW, helps in
achieving a faster effective settling time of the combined DAC
and amplifier.
In applications with full 4-quadrant multiplying capability or a
bipolar output swing, the circuit in Figure 47 can be used. In
this circuit, the first and second amplifiers provide a total gain
of 2, which increases the output voltage span to 20 V. Biasing
the external amplifier with a 10 V offset from the reference
voltage results in a full 4-quadrant multiplying circuit.
AD5551/AD5552
AD8627
DGND
*AD5552 ONLY
VDD
VREFF*
VREFS*
OUT
SCLK
DIN
CS
AGND
5V
2.5V
UNIPOLAR
OUTPUT
LDAC*
0.1
µF
10
µF
0.1
µF
SERIAL
INTERFACE
5V
Figure 46. Unipolar Output
ONE CHANNEL
AD5544
1/2
AD8626
DIGITAL INTERFACE CONNECTIONS
OMITTED FOR CLARITY
VSS
AGNDF
AGNDX
VDD
VREFX
RFBX
ADR01
VREF
10V
1/2
AD8626
–13V
+13V
–10V < VOUT < +10V
10k
Ω
5k
Ω
10k
Ω
VOUT
Figure 47. 4-Quadrant Multiplying Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com