Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8646WARZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8646WARZ-R7
Description  24 MHz Rail-to-Rail Amplifiers with Shutdown Option
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8646WARZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8646WARZ-R7 Datasheet HTML 4Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 5Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 6Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 7Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 8Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 9Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 10Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 11Page - Analog Devices AD8646WARZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AD8646/AD8647/AD8648
Data Sheet
Rev. F | Page 8 of 18
10000
0.1
1
10
100
1000
0.001
100
10
1
0.1
0.01
LOAD CURRENT (mA)
VSY = 2.7V
TA = 25°C
VSY – VOH
VOL
Figure 10. Output Saturation Voltage vs. Load Current
25
0
5
10
15
20
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
VSY = 2.7V
IL = 1mA
VSY – VOH
VOL
Figure 11. Output Saturation Voltage vs. Temperature
300
250
0
50
100
150
200
0.50
2.00
1.75
1.50
1.25
1.00
0.75
COMMON-MODE VOLTAGE (V)
VSY = 2.7V
TA = 125°C
Figure 12. Input Bias Current vs. Common-Mode Voltage
10000
0.1
1
10
100
1000
0.001
1000
100
10
1
0.1
0.01
LOAD CURRENT (mA)
VSY = 5V
TA = 25°C
VSY – VOH
VOL
Figure 13. Output Saturation Voltage vs. Load Current
120
0
20
60
40
80
100
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
VSY = 5V
VSY – VOH = 10mA
VSY – VOH = 1mA
VOL = 10mA
VOL = 1mA
Figure 14. Output Saturation Voltage vs. Temperature
300
0
50
150
100
200
250
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
COMMON-MODE VOLTAGE (V)
VSY = 5V
TA = 125°C
Figure 15. Input Bias Current vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com