Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1797CS5PBF Datasheet(PDF) 2 Page - Analog Devices

Part # LT1797CS5PBF
Description  10MHz, Rail-to-Rail Input and Output Op Amp in SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1797CS5PBF Datasheet(HTML) 2 Page - Analog Devices

  LT1797CS5PBF Datasheet HTML 1Page - Analog Devices LT1797CS5PBF Datasheet HTML 2Page - Analog Devices LT1797CS5PBF Datasheet HTML 3Page - Analog Devices LT1797CS5PBF Datasheet HTML 4Page - Analog Devices LT1797CS5PBF Datasheet HTML 5Page - Analog Devices LT1797CS5PBF Datasheet HTML 6Page - Analog Devices LT1797CS5PBF Datasheet HTML 7Page - Analog Devices LT1797CS5PBF Datasheet HTML 8Page - Analog Devices LT1797CS5PBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LT1797
2
1797fc
For more information www.linear.com/LT1797
pin conFiguraTion
absoluTe MaxiMuM raTings
Total Supply Voltage (V+ to V–)..............................12.6V
Input Differential Voltage .......................................12.6V
Input Current........................................................ ±10mA
Output Short-Circuit Duration (Note 2) ........ Continuous
Operating Temperature Range (Note 3)....–40°C to 85°C
Specified Temperature Range ..................–40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
4
5
3
1
OUT
V–
+IN
V+
–IN
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
2
+ –
TJMAX = 150°C, θJA = 250°C/W
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1797CS5#PBF
LT1797CS5#TRPBF
LTLM
5-Lead Plastic TSOT-23
–40°C to 85°C
LT1797IS5#PBF
LT1797IS5#TRPBF
LTTL
5-Lead Plastic TSOT-23
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 3V, 0V; VS = 5V, 0V, VCM = VOUT = half supply, pulse power tested,
unless otherwise specified. (Note 3)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
0°C ≤ TA ≤ 70°C
–40°C ≤ TA ≤ 85°C
l
l
1
1.5
2.5
3.0
mV
mV
mV
Input Offset Voltage Drift (Note 4)
l
5
20
µV/°C
IB
Input Bias Current
VCM = V–
VCM = V+
l
l
–300
–150
50
100
nA
nA
Input Bias Current Drift
l
0.1
nA/°C
IOS
Input Offset Current
VCM = V–
VCM = V+
l
l
10
10
25
25
nA
nA
Input Noise Voltage
0.1Hz to 10Hz
1.5
µVP-P
en
Input Noise Voltage Density
f = 10kHz
20
nV/√Hz
in
Input Noise Current Density
f = 10kHz
f = 10kHz, VCM = VCC – 0.3V
0.23
0.15
pA/√Hz
pA/√Hz
RIN
Input Resistance
Differential
Common Mode, VCM = 0V to VS – 1.3V
200
330
100
kΩ
MΩ
CIN
Input Capacitance
4
pF
CMRR
Common Mode Rejection Ratio
VCM = 0V to VS – 1.3V
VS = 5V, VCM = 0V to 5V
VS = 3V, VCM = 0V to 3V
l
l
l
82
64
60
96
72
68
dB
dB
dB
http://www.linear.com/product/LT1797#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com