Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8546ARMZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD8546ARMZ
Description  22 μA, RRIO, CMOS, 18 V Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8546ARMZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8546ARMZ Datasheet HTML 8Page - Analog Devices AD8546ARMZ Datasheet HTML 9Page - Analog Devices AD8546ARMZ Datasheet HTML 10Page - Analog Devices AD8546ARMZ Datasheet HTML 11Page - Analog Devices AD8546ARMZ Datasheet HTML 12Page - Analog Devices AD8546ARMZ Datasheet HTML 13Page - Analog Devices AD8546ARMZ Datasheet HTML 14Page - Analog Devices AD8546ARMZ Datasheet HTML 15Page - Analog Devices AD8546ARMZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8546/AD8548
Data Sheet
Rev. C | Page 12 of 24
0
20
40
60
80
100
120
140
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 2.7V
VCM = VSY/2
Figure 33. CMRR vs. Frequency
0
20
40
60
80
100
100
1k
10k
100k
1M
FREQUENCY (Hz)
PSRR+
PSRR–
VSY = 2.7V
Figure 34. PSRR vs. Frequency
0
10
20
30
40
50
60
70
10
100
1000
CAPACITANCE (pF)
VSY = 2.7V
VIN = 10mV p-p
RL = 1MΩ
OS+
OS–
Figure 35. Small Signal Overshoot vs. Load Capacitance
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 18V
VCM = VSY/2
0
20
40
60
80
100
120
140
Figure 36. CMRR vs. Frequency
0
20
40
60
80
100
100
1k
10k
100k
1M
FREQUENCY (Hz)
PSRR+
PSRR–
VSY = 18V
Figure 37. PSRR vs. Frequency
0
10
20
30
40
50
60
70
10
100
1000
CAPACITANCE (pF)
OS+
OS–
VSY = 18V
VIN = 10mV p-p
RL = 1MΩ
Figure 38. Small Signal Overshoot vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com