Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8548ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8548ARZ-R7
Description  22 μA, RRIO, CMOS, 18 V Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8548ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8548ARZ-R7 Datasheet HTML 1Page - Analog Devices AD8548ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8548ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8548ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8548ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8548ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8548ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8548ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8548ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
22 μA, RRIO, CMOS, 18 V
Operational Amplifier
Data Sheet
AD8546/AD8548
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Micropower at high voltage (18 V): 22 μA maximum
Low input bias current: 20 pA maximum
Gain bandwidth product: 240 kHz at AV =100 typical
Unity-gain crossover: 240 kHz
−3 dB closed-loop bandwidth: 310 kHz
Slew rate: 80 V/ms
Large signal voltage gain: 110 dB minimum
Single-supply operation: 2.7 V to 18 V
Dual-supply operation: ±1.35 V to ±9 V
Unity-gain stable
Excellent electromagnetic interference immunity
APPLICATIONS
Portable medical equipment
Remote sensors
Transimpedance amplifiers
Current monitors
4 mA to 20 mA loop drivers
Buffer/level shifting
PIN CONFIGURATIONS
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8546
TOP VIEW
(Not to Scale)
Figure 1. AD8546 (8-Lead MSOP)
OUT A
1
–IN A
2
+IN A
3
V+
4
OUT D
14
–IN D
13
+IN D
12
V–
11
+IN B
5
+IN C
10
–IN B
6
–IN C
9
OUT B 7
OUT C
8
AD8548
TOP VIEW
(Not to Scale)
Figure 2. AD8548 (14-Lead SOIC_N)
GENERAL DESCRIPTION
The AD8546 and AD8548 are dual and quad micropower, high
input impedance amplifiers optimized for low power and wide
operating supply voltage range applications.
The AD8546/AD8548 rail-to-rail input/output (RRIO) feature
provides increased dynamic range to drive low frequency data
converters, making these amplifiers ideal for dc gain and buffering
of sensor front ends or high impedance input sources used in
wireless or remote sensors or transmitters. The AD8546/
AD8548 also have high immunity to electromagnetic
interference.
The low supply current specification (22 μA) of the AD8546/
AD8548 over a wide operating voltage range of 2.7 V to 18 V
or dual supplies (±1.35 V to ±9 V) makes these amplifiers useful
for a variety of battery-powered, portable applications, such as
ECGs, pulse monitors, glucose meters, smoke and fire detectors,
vibration monitors, and backup battery sensors.
The AD8546/AD8548 are specified over the extended industrial
temperature range of −40°C to +125°C. The AD8546 is available
in an 8-lead MSOP package; the AD8548 is available in a 14-lead
SOIC_N package.
Table 1. Micropower Op Amps (<250 μA Typical)1
Amplifier
Supply Voltage
5 V
12 V to 18 V
36 V
Single
AD8500
AD8663
AD8505
AD8541
AD8603
ADA4505-1
Dual
AD8502
AD8546
AD8506
AD8657
ADA4062-2
AD8542
AD8667
ADA4096-2
AD8607
OP281
ADA4505-2
Quad
AD8504
AD8548
AD8508
AD8669
ADA4062-4
AD8544
OP481
ADA4096-4
AD8609
AD8659
ADA4505-4
1 See www.analog.com for the latest selection of micropower op amps.


Similar Part No. - AD8548ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8548ARZ-R7 AD-AD8548ARZ-R7 Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
More results

Similar Description - AD8548ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8657 AD-AD8657 Datasheet
1Mb / 24P
18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. 0
AD8546 AD-AD8546_12 Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
AD8657 AD-AD8657_11 Datasheet
677Kb / 24P
18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. A
AD8659ARZ AD-AD8659ARZ Datasheet
719Kb / 24P
22 mu A, RRIO, CMOS,18 V Operational Amplifiers
REV. B
ADA4661-2 AD-ADA4661-2 Datasheet
904Kb / 32P
18 V, Precision, 725 A, 4 MHz, CMOS RRIO Operational Amplifier
REV. 0
ADA4666-2 AD-ADA4666-2 Datasheet
896Kb / 32P
18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier
REV. 0
logo
Texas Instruments
LPV521 TI1-LPV521 Datasheet
1Mb / 33P
RRIO, CMOS Input, Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
RRIO CMOS Operational Amplifier
LPV521 TI1-LPV521_16 Datasheet
1Mb / 34P
NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
logo
Analog Devices
ADA4661-2-KGD AD-ADA4661-2-KGD Datasheet
260Kb / 11P
18 V, Precision, 725 μA, 4 MHz, CMOS RRIO Operational
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com