Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS9N90T Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS9N90T
Description  N-CHANNEL MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS9N90T Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS9N90T Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS9N90T Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS9N90T Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS9N90T Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS9N90T Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS9N90T Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS9N90T Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS9N90T Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS9N90T Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
R
JCS9N90T
版本:202210F
5/13
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
1
10
1
10
V
GS
Top
15V
10V
9V
8V
7V
6.5V
6V
5.5V
Bottom 5V
Notes:
1. 250μs pulse test
2. T
C=25
℃
V
DS
[V]
0 . 1
1
10
0 . 2 0 . 3 0 . 4 0 . 5 0 . 6 0 . 7 0 . 8 0 . 9 1 . 0 1 . 1 1 . 2 1 . 3 1 . 4 1 . 5
N o t e s :
1 . 2 5 0 μ s p u l s e t e s t
2 . V
GS= 0 V
25℃
150℃
V
S D[ V ]
10
-1
10
0
10
1
0
1x10
3
2x10
3
3x10
3
C
r s s
C
o s s
C
i s s
C
i s s
=C
gs+Cgd(Cds= s h o r t e d )
C
o s s
=C
ds+Cgd
C
r s s
=C
gd
V
D SD r a i n - S o u r c e
V o l t a g e [ V ]
0
2
4
6
8
10
12
0
10
20
30
40
V
DS= 7 2 0 V
V
DS= 4 5 0 V
V
DS= 1 8 0 V
Q
g T o l t a l
G a t e C h a r g e [ n C ]
On-Region Characteristics
Transfer Characteristics
On-Resistance Variation vs.
Drain Current and Gate Voltage
Body Diode Forward Voltage Variation
vs. Source Current and Temperature
Capacitance Characteristics
Gate Charge Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com