Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8765H/4 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8765H/4
Description  10-bit high-speed Analog-to-Digital Converter ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8765H/4 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8765H/4 Datasheet HTML 3Page - NXP Semiconductors TDA8765H/4 Datasheet HTML 4Page - NXP Semiconductors TDA8765H/4 Datasheet HTML 5Page - NXP Semiconductors TDA8765H/4 Datasheet HTML 6Page - NXP Semiconductors TDA8765H/4 Datasheet HTML 7Page - NXP Semiconductors TDA8765H/4 Datasheet HTML 8Page - NXP Semiconductors TDA8765H/4 Datasheet HTML 9Page - NXP Semiconductors TDA8765H/4 Datasheet HTML 10Page - NXP Semiconductors TDA8765H/4 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1999 Jan 06
7
Philips Semiconductors
Preliminary specification
10-bit high-speed Analog-to-Digital
Converter (ADC)
TDA8765
CHARACTERISTICS
VCCA =V2 to V44, V9 to V10, V3 to V4 and V41 to V40 = 4.75 to 5.25 V; VCCD =V37 to V38 and V15 to V17 = 4.75 to 5.25 V;
VCCO =V33 to V34 = 3.0 to 5.25 V; AGND and DGND shorted together; Tamb = 0 to 85 °C; typical values measured at
VCCA =VCCD = 5 V and VCCO = 3.3 V, Tamb =25 °C, VI(p-p) − VI(p-p) = 2.0 V and CL = 10 pF; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output supply voltage
3.0
3.3
5.25
V
ICCA
analog supply current
−
33
45
mA
ICCD
digital supply current
−
30
37
mA
ICCO
output supply current
fCLK = 4 MHz; fi = 400 kHz
−
3.2
tbf
mA
fCLK = 40 MHz;
fi = 4.43 MHz
−
11
tbf
mA
Inputs
CLK AND CLK (REFERENCED TO DGND)
VIL
LOW-level input voltage
VCCD = 5 V; note 1
3.19
−
3.52
V
VIH
HIGH-level input voltage
VCCD = 5 V; note 1
3.83
−
4.12
V
IIL
LOW-level input current
VCLK or VCLK = 3.19 V
−10
−−
µA
IIH
HIGH-level input current
VCLK or VCLK = 3.83 V
−−
10
µA
Zi
input impedance
fCLK = 40 MHz
2
−−
k
Ω
Ci
input capacitance
fCLK = 40 MHz
−−
2pF
∆V
CLK(p-p)
differential AC input voltage
for switching (VCLK − VCLK;
peak-to-peak value)
DC voltage level = 2.5 V
0.5
−
2.0
V
OTC, SH AND CE (REFERENCED TO DGND); see Tables 2 and 3
VIL
LOW-level input voltage
0
−
0.8
V
VIH
HIGH-level input voltage
2.0
−
VCCD
V
IIL
LOW-level input current
VIL = 0.8 V
−20
−−
µA
IIH
HIGH-level input current
VIH = 2.0 V
−−
20
µA
VI AND VI (REFERENCED TO AGND; see Table 1); VREF =VCCA − 1.825 V
IIL
LOW-level input current
−
10
−µA
IIH
HIGH-level input current
−
10
−µA
Ri
input resistance
fi = 4.43 MHz
100
−−
k
Ω
Ci
input capacitance
fi = 4.43 MHz
−−
2pF
VI(CM)
common mode input voltage
VI = VI; output code 511
VCCA = 5 V
tbf
3.6
tbf
V
VCCA = 4.75 V
tbf
3.35
tbf
V
VCCA = 5.25 V
tbf
3.85
tbf
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com