Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCS7N65RE-R-AR Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS7N65RE-R-AR
Description  N-CHANNEL MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS7N65RE-R-AR Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS7N65RE-R-AR Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N65RE-R-AR Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N65RE-R-AR Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N65RE-R-AR Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N65RE-R-AR Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N65RE-R-AR Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N65RE-R-AR Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N65RE-R-AR Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS7N65RE-R-AR Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
R
JCS7N65E
版本:202405H
4/16
电特性 ELECTRICAL CHARACTERISTICS
开关特性 Switching Characteristics
延迟时间 Turn-On delay time
td(on)
VDD=325V,ID=7A,RG=25Ω
(note 4,5)
-
38.7 60
ns
上升时间 Turn-On rise time
tr
-
33.6 80
ns
延迟时间 Turn-Off delay time
td(off)
-
65.5 95
ns
下降时间 Turn-Off Fall time
tf
-
15.2 30
ns
栅极电荷总量 Total Gate Charge
Qg
VDS =520V ,
ID=7A
VGS =10V
(note 4,5)
-
23
35
nC
栅-源电荷 Gate-Source charge
Qgs
-
5.8
-
nC
栅-漏电荷 Gate-Drain charge
Qgd
-
9.7
-
nC
漏-源二极管特性及最大额定值 Drain-Source Diode Characteristics and Maximum Ratings
正向最大连续电流
Maximum Continuous Drain
-Source Diode Forward Current
IS
-
-
7.0
A
正向最大脉冲电流
Maximum Pulsed Drain-Source
Diode Forward Current
ISM
-
-
28
A
正向压降
Drain-Source Diode Forward
Voltage
VSD
VGS=0V,
IS=7.0A
-
-
1.4
V
反向恢复时间
Reverse recovery time
trr
VGS=0V,
IS=7.0A
dIF/dt=100A/μs
(note 4)
-
436
-
ns
反向恢复电荷
Reverse recovery charge
Qrr
-
2.5
-
μC
热特性 THERMAL CHARACTERISTIC
项
目
Parameter
符
号
Symbol
最大 Max
单 位
Unit
JCS7N65VE
/RE/CE/SE/BE
JCS7N65FE
结到管壳的热阻
Thermal Resistance, Junction
to Case
Rth(j-c)
1.04
4.18
℃/W
结到环境的热阻
Thermal Resistance,
Junction to Ambient
Rth(j-A)
62.5
62.5
℃/W
注释:
1:脉冲宽度由最高结温限制
2:L=27mH, IAS=7.0A, VDD=50V,
RG
=25 Ω,起始结温 TJ=25
℃
3:ISD
≤7.0A,di/dt≤300A/μs,VDD≤BVDSS,起始结温 TJ=25
℃
4:脉冲测试:脉冲宽度
≤300μs,占空比≤2%
5:基本与工作温度无关
Notes:
1:Pulse width limited by maximum junction temperature
2:L=27mH, IAS=7.0A, VDD=50V, RG
=25 Ω,Starting TJ=25℃
3:ISD
≤7.0A,di/dt≤300A/μs,VDD≤BVDSS, Starting TJ=25℃
4:Pulse Test:
Pulse Width ≤300μs,Duty Cycle≤2%
5:Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com