Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1123L Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1123L
Description  3.3V, 8-Bit, Programmable Timing Element
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1123L Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1123L Datasheet HTML 6Page - Dallas Semiconductor DS1123L Datasheet HTML 7Page - Dallas Semiconductor DS1123L Datasheet HTML 8Page - Dallas Semiconductor DS1123L Datasheet HTML 9Page - Dallas Semiconductor DS1123L Datasheet HTML 10Page - Dallas Semiconductor DS1123L Datasheet HTML 11Page - Dallas Semiconductor DS1123L Datasheet HTML 12Page - Dallas Semiconductor DS1123L Datasheet HTML 13Page - Dallas Semiconductor DS1123L Datasheet HTML 14Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
3.3V, 8-Bit, Programmable Timing Element
____________________________________________________________________
13
Application Information
Power-Supply Decoupling
To achieve the best results when using the DS1123L,
decouple the power supply with a 0.01µF and a 0.1µF
capacitor. Use high-quality, ceramic, surface-mount
capacitors, and mount the capacitors as close as possi-
ble to the VCC and GND pins of the DS1123L to mini-
mize lead inductance. The DS1123L may not perform as
specified if good decoupling practices are not followed.
Unused Inputs When Using the Serial-
Programming Mode
When using the serial-programming mode, the unused
parallel inputs must be connected to VCC or GND to pre-
vent them from floating and drawing excessive current.
Test Conditions
INPUT:
Ambient Temperature:
25°C ± 3°C
Supply Voltage (VCC):
3.3V ± 0.1V
Input Pulse:
High = 3.0V ± 0.1V
Low = 0.0V ± 0.1V
Source Impedance:
50
Ω (Max)
Rise and Fall Times:
3.0ns (Max) (Measured
Between 0.6V and 2.4V)
Pulse Width:
500ns
Period:
1µs
OUTPUT: The outputs are loaded with a 74F04. Delay
is measured between the 1.5V level of the rising or
falling edge of the input signal and the corresponding
edge of the output signal.
NOTE: Above conditions are for test only and do not
restrict the operation of the device under other data
sheet conditions.
PART
STEP SIZE
(ns)
MAX DELAY TIME AND
MAX PULSE WIDTH*
(ns)
MAX INTEGRAL
NONLINEARITY
(ns)
MAX INPUT
FREQUENCY
(MHz)
MIN INPUT PULSE
WIDTH
(ns)
DS1123L-25
0.25
63.75
±2
25
40
DS1123L-50
0.5
127.5
±2
25
40
DS1123L-100
1.0
255
±4
25
40
DS1123L-200
2.0
510
±5
25
40
Table 1. DS1123L Delay Line/PWM Ranges and Tolerances
*
This is the maximum delay in normal mode (MS = 0) measured with respect to the reference output, and the maximum pulse width
in monostable vibrator mode (MS = 1).
PART
PERIOD CHANGE/STEP
(ns)
MIN OSCILLATOR FREQUENCY
(MHz)
MAX OSCILLATOR FREQUENCY*
(MHz)
DS1123L-25
0.5
6.6
22
DS1123L-50
1.0
3.6
22
DS1123L-100
2.0
1.9
22
DS1123L-200
4.0
0.98
22
Table 2. DS1123L Adjustable Oscillator Characteristics
*
Maximum output frequency depends on the actual step-zero delay value. Worst-case values are shown in the table. Output period
is equal to 2 x tD, where tD = delay value referenced to IN.
IN
PWM
OUT
tREF
tD
Figure 10. Output Timing Diagram for MS = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com