Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JT05N065RAD-R-B Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JT05N065RAD-R-B
Description  N-CHANNEL IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JT05N065RAD-R-B Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JT05N065RAD-R-B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-B Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-B Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-B Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-B Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
R
JT05N065RAD
版本:202112B
2/9
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃)
*连续集电极电流由最高结温限制
*Collector current limited by maximum junction temperature
项
目
Parameter
符
号
Symbol
数 值 Value
单
位
Unit
最高集电极-发射极直流电压
Collector-Emmiter Voltage
Vces
650
V
*连续集电极电流
Collector Current-continuous
IC
10 (T=25℃)
A
5(T=100℃)
A
最大脉冲集电极极电流(注 1)
Collector Current
– pulse
(note 1)
ICM
20
A
最高栅极发射极电压
Gate-Emmiter Voltage
VGES
±30
V
安全工作区电流
Turn-off safe area
-
20
A
耗散功率
Power Dissipation
PD
TC=25℃
59.5
W
最高结温及存储温度
Operating and Storage
Temperature Range
TJ,TSTG
-55~+150
℃
引线最高焊接温度
Maximum Lead
Temperature for Soldering
Purposes
TL
300
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com