Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JT05N065RAD-R-AR Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JT05N065RAD-R-AR
Description  N-CHANNEL IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JT05N065RAD-R-AR Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JT05N065RAD-R-AR Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-AR Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-AR Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-AR Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-AR Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-AR Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-AR Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-AR Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-AR Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R
版本:202112B
1/9
N 沟绝缘栅双极晶体管
N-CHANNEL IGBT
JT05N065RAD
订 货 型 号 Order codes
印
记
Marking
封
装
Package
有卤-条管
Halogen-Tube
无卤-条管
Non halogen-Tube
有卤-编带
Halogen-Reel
无卤-编带
Non halogen-Reel
JT05N065RAD-R-B
JT05N065RAD-R-BR
JT05N065RAD-R-A
JT05N065RAD-R-AR
JT05N065RAD
DPAK
封装 Package
E
C
主要参数
MAIN
CHARACTERISTICS
IC
5 A
VCES
650V
Vcesat-typ(Vge=15V) 1.7V
用途
 逆变器
 PDP
 UPS 电源
 电机控制
APPLICATIONS
 General purpose inverters
 PDP
 UPS
 Motor Control
产品特性
低栅极电荷
FS 技术,
RoHS 产品
FEATURES
Low gate charge
FS Technology,
RoHS product
订货信息 ORDER MESSAGE


Similar Part No. - JT05N065RAD-R-AR

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JT05N065RAD-R-AR JSMC-JT05N065RAD-R-AR Datasheet
1Mb / 10P
N-CHANNEL IGBT
202310B
More results

Similar Description - JT05N065RAD-R-AR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH23N60UF FAIRCHILD-SGH23N60UF Datasheet
246Kb / 7P
N-CHANNEL IGBT
logo
ON Semiconductor
NGTG12N60TF1G ONSEMI-NGTG12N60TF1G Datasheet
395Kb / 7P
N-Channel IGBT
October, 2013
TIG074E8 ONSEMI-TIG074E8 Datasheet
78Kb / 6P
N-Channel IGBT
NGTB10N60FG ONSEMI-NGTB10N60FG Datasheet
406Kb / 6P
N-Channel IGBT
April, 2014
NGTB20N60L2TF1G ONSEMI-NGTB20N60L2TF1G Datasheet
444Kb / 8P
N-Channel IGBT
August, 2013
NGTB30N60L2WG ONSEMI-NGTB30N60L2WG Datasheet
765Kb / 8P
N-Channel IGBT
August, 2014
NGTG20N60L2TF1G ONSEMI-NGTG20N60L2TF1G Datasheet
403Kb / 7P
N-Channel IGBT
September, 2013
TIG056BF ONSEMI-TIG056BF Datasheet
223Kb / 6P
N-Channel IGBT
July, 2013
TIG058E8 ONSEMI-TIG058E8 Datasheet
380Kb / 7P
N-Channel IGBT
September, 2013
logo
JILIN SINO-MICROELECTRO...
JT015N065FED JSMC-JT015N065FED Datasheet
309Kb / 6P
N-CHANNEL IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com