Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JT05N065RAD-R-BR Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JT05N065RAD-R-BR
Description  N-CHANNEL IGBT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JT05N065RAD-R-BR Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JT05N065RAD-R-BR Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-BR Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-BR Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-BR Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-BR Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-BR Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-BR Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-BR Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JT05N065RAD-R-BR Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
R
JT05N065RAD/VAD/SAD
版本:202310B
4/10
电特性 ELECTRICAL CHARACTERISTICS
开关特性 Switching Characteristics
项
目
Parameter
符
号
Symbol
测试条件
Tests conditions
最小
Min
典型
Typ
最大
Max
单位
Units
开启延迟时间 Turn-on delay time
td(on)
VCC=400V,Ic=5A,RG=60Ω
VGE=15 V
Tj=25℃
-
22
-
ns
上升时间 Turn-on rise time
tr
-
13
-
ns
关断延迟时间 Turn-off delay time
td(off)
-
91
-
ns
下降时间 Turn-off Fall time
tf
-
25
-
ns
开通损耗 Turn-on energy
Eon
-
123
-
μJ
关断损耗 Turn-off energy
Eoff
-
53
-
μJ
总开关损耗 Total switching energy
Etot
-
176
-
μJ
反并联二极管特性及最大额定值 Anti-Parallel Diode Characteristics and Maximum Ratings
正向压降
Diode Forward Voltage
VF
VGE=0V, IF=5A , Tj=25℃
-
1.5 2.2
V
反向恢复时间
Diode Reverse recovery time
trr
VGE=0V, VR=400V IF=5A
dIF/dt=200A/μs, Tj=25℃
-
33
-
ns
反向恢复电荷
Diode Reverse recovery charge
Qrr
-
145
-
nC
反向恢复电流
Diode Reverse recovery Current
IRRM
-
2.7
-
A
项
目
Parameter
符
号
Symbol
最大值 Max
单 位
Unit
JT05N065RAD/VAD
JT05N065SAD
结到管壳的热阻-IGBT
Thermal Resistance, Junction to Case
Rth(j-c)
2.1
1.3
℃/W
结到环境的热阻
Thermal Resistance, Junction to Ambient
Rth(j-A)
110
60
℃/W
注释:
1:脉冲宽度由最高结温限制
Notes:
1:Pulse width limited by maximum junction temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com