Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC80N10A-R-AR Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # MC80N10A-R-AR
Description  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MC80N10A-R-AR Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MC80N10A-R-AR Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MC80N10A-R-AR Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MC80N10A-R-AR Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MC80N10A-R-AR Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MC80N10A-R-AR Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MC80N10A-R-AR Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MC80N10A-R-AR Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MC80N10A-R-AR Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC80N10A
版本:202009A
4/8
电特性 ELECTRICAL CHARACTERISTICS
开关特性 Switching Characteristics
延迟时间 Turn-On delay time
td(on)
VDD=50V, VGS =10V
ID=1A,RG=6Ω
(note 3,4)
-
14.6 30
ns
上升时间 Turn-On rise time
tr
-
32.8 66
ns
延迟时间 Turn-Off delay time
td(off)
-
62.2 125
ns
下降时间 Turn-Off Fall time
tf
-
28.4 56
ns
栅极电荷总量 Total Gate Charge
Qg
VDS =80V ,
ID=10A
VGS =10V
(note 3,4)
-
53.5 80
nC
栅-源电荷 Gate-Source charge
Qgs
-
7.5 12
nC
栅-漏电荷 Gate-Drain charge
Qgd
-
13.3 20
nC
漏-源二极管特性及最大额定值 Drain-Source Diode Characteristics and Maximum Ratings
正向最大连续电流
Maximum Continuous Drain
-Source Diode Forward Current
IS
TC=25℃
-
-
70
A
正向最大脉冲电流
Maximum Pulsed Drain-Source
Diode Forward Current
ISM
TC=25℃
-
-
140
A
正向压降
Drain-Source Diode Forward
Voltage
VSD
TJ=25℃,VGS=0V, IS=18A
-
-
1.0
V
热特性 THERMAL CHARACTERISTIC
项
目
Parameter
符
号
Symbol
最大
Max
单位
Unit
MC80N10A
结到管壳的热阻
Thermal Resistance, Junction to Case
Rth(j-c)
1.2
℃/W
结到环境的热阻
Thermal Resistance, Junction to Ambient
Rth(j-A)
62
℃/W
注释:
1:脉冲宽度由最高结温限制
2:IAS=68A, VDD=50V, VGS=10V,L=0.1mH,
RG=25 Ω,起始结温 TJ=25℃
3:脉冲测试:脉冲宽度≤300μs,占空比≤2%
4:基本与工作温度无关
Notes:
1:Pulse width limited by maximum junction
temperature
2: IAS=68A, VDD=50V, VGS=10V,L=0.1mH,
RG=25 Ω,Starting TJ=25℃
3:Pulse Test:Pulse Width ≤300μs,Duty Cycle≤2%
4:Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com