Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MG120R080 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # MG120R080
Description  N-CHANNEL Enhancement Silicon Carbide MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MG120R080 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MG120R080 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MG120R080 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MG120R080 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MG120R080 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MG120R080 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MG120R080 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MG120R080 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MG120R080 Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. MG120R080 Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R
版本:
202404A
1/9
N 沟道增强型碳化硅场效应晶体管
N-CHANNEL Enhancement Silicon Carbide MOSFET
MG120R080
订 货 型 号
Order codes
印
记
Marking
封
装
Package
无卤-条管
Halogen-Free-Tube
MG120R080-GE-BR
MG120R080
TO-247
MG120R080-GH-BR
MG120R080
TO-247-4L
封装
Package
TO-247
TO-247-4L
主要参数
MAIN
CHARACTERISTICS
ID
28A
VCE
1200V
Rdson-typ
(@Vgs=18V)
80MΩ
Qg-typ
85nC
用途
⚫光伏逆变器
⚫开关模式电源
⚫高压 DC/DC 转换器
⚫电池充电器
⚫电动驱动
⚫脉冲电源应用
APPLICATIONS
⚫Solar Inverters
⚫Switch Mode Power Supplies
⚫High Voltage DC/DC Converters
⚫Battery Chargers
⚫Motor Drives
⚫Pulsed Power applications
产品特性
⚫高阻断电压
⚫低导通电阻
⚫低电容高速开关
⚫易于驱动
⚫雪崩强度高
⚫RoHS 产品
订货信息
ORDER MESSAGE
FEATURES
⚫High Blocking Voltage
⚫Low On-Resistance
⚫High Speed Switching with Low Capacitances
⚫Easy to Parallel and Simple to Drive
⚫Avalanche Ruggedness
⚫RoHS product


Similar Part No. - MG120R080

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
MG120R040 JSMC-MG120R040 Datasheet
817Kb / 9P
N-CHANNEL Enhancement Silicon Carbide MOSFET
202405D
MG120R040-GE-BR JSMC-MG120R040-GE-BR Datasheet
817Kb / 9P
N-CHANNEL Enhancement Silicon Carbide MOSFET
202405D
MG120R040-GH-BR JSMC-MG120R040-GH-BR Datasheet
817Kb / 9P
N-CHANNEL Enhancement Silicon Carbide MOSFET
202405D
More results

Similar Description - MG120R080

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
G2R50MT33K GENESIC-G2R50MT33K Datasheet
1Mb / 14P
Silicon Carbide MOSFET N-Channel Enhancement Mode
G2R120MT33J GENESIC-G2R120MT33J Datasheet
1Mb / 14P
Silicon Carbide MOSFET N-Channel Enhancement Mode
G2R120MT33-CAL GENESIC-G2R120MT33-CAL Datasheet
866Kb / 12P
Silicon Carbide MOSFET N-Channel Enhancement Mode
G2R1000MT33J GENESIC-G2R1000MT33J Datasheet
1Mb / 13P
Silicon Carbide MOSFET N-Channel Enhancement Mode
G3R20MT12K GENESIC-G3R20MT12K Datasheet
1Mb / 14P
Silicon Carbide MOSFET N-Channel Enhancement Mode
G3R20MT17K GENESIC-G3R20MT17K Datasheet
1Mb / 14P
Silicon Carbide MOSFET N-Channel Enhancement Mode
G3R30MT12J GENESIC-G3R30MT12J Datasheet
1Mb / 14P
Silicon Carbide MOSFET N-Channel Enhancement Mode
G3R30MT12K GENESIC-G3R30MT12K Datasheet
1Mb / 14P
Silicon Carbide MOSFET N-Channel Enhancement Mode
G3R40MT12K GENESIC-G3R40MT12K Datasheet
1Mb / 14P
Silicon Carbide MOSFET N-Channel Enhancement Mode
G3R160MT12D GENESIC-G3R160MT12D Datasheet
1Mb / 14P
Silicon Carbide MOSFET N-Channel Enhancement Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com