Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2155G Datasheet(PDF) 79 Page - Dallas Semiconductor

Part # DS2155G
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155G Datasheet(HTML) 79 Page - Dallas Semiconductor

Back Button DS2155G Datasheet HTML 75Page - Dallas Semiconductor DS2155G Datasheet HTML 76Page - Dallas Semiconductor DS2155G Datasheet HTML 77Page - Dallas Semiconductor DS2155G Datasheet HTML 78Page - Dallas Semiconductor DS2155G Datasheet HTML 79Page - Dallas Semiconductor DS2155G Datasheet HTML 80Page - Dallas Semiconductor DS2155G Datasheet HTML 81Page - Dallas Semiconductor DS2155G Datasheet HTML 82Page - Dallas Semiconductor DS2155G Datasheet HTML 83Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 238 page
background image
DS2155
79 of 238
14.3 Frames Out-of-Sync Count Register (FOSCR)
14.3.1 T1 Operation
The FOSCR is used to count the number of multiframes that the receive synchronizer is out of sync. This
number is useful in ESF applications needing to measure the parameters loss-of-frame count (LOFC) and
ESF error events as described in AT&T publication TR54016. When the FOSCR is operated in this
mode, it is not disabled during receive loss-of-synchronization (RLOS = 1) conditions. The FOSCR has
an alternate operating mode whereby it counts either errors in the Ft framing pattern (in the D4 mode) or
errors in the FPS framing pattern (in the ESF mode). When the FOSCR is operated in this mode, it is
disabled during receive loss-of-synchronization (RLOS = 1) conditions. Table 14-D shows what the
FOSCR is capable of counting.
Table 14-D. T1 Frames Out-of-Sync Counting Arrangements
FRAMING MODE
(T1RCR1.3)
COUNT MOS OR
F-BIT ERRORS
(ERCNT.1)
COUNTED IN THE FOSCRs
D4
MOS
Number of multiframes out-of-sync
D4
F-Bit
Errors in the Ft pattern
ESF
MOS
Number of multiframes out-of-sync
ESF
F-Bit
Errors in the FPS pattern
14.3.2 E1 Operation
The FOSCR counts word errors in the FAS in time slot 0. This counter is disabled when RLOS is high.
FAS errors are not counted when the framer is searching for FAS alignment and/or synchronization at
either the CAS or CRC4 multiframe level. Since the maximum FAS word error count in a one-second
period is 4000, this counter cannot saturate.
The frames out-of-sync count register 1 (FOSCR1) is the most significant word and FOSCR2 is the least
significant word of a 16-bit counter that records frames out-of-sync.
Register Name:
FOSCR1
Register Description:
Frames Out-of-Sync Count Register 1
Register Address:
46h
Bit #
7
6
5
4
3
2
1
0
Name
FOS15
FOS14
FOS13
FOS12
FOS11
FOS10
FOS9
FOS8
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Frames Out-of-Sync Counter Bits 8 to 15 (FOS8 to FOS15). FOS15 is the MSB of the 16-bit frames
out-of-sync count.
Register Name:
FOSCR2
Register Description:
Frames Out-of-Sync Count Register 2
Register Address:
47h
Bit #
7
6
5
4
3
2
1
0
Name
FOS7
FOS6
FOS5
FOS4
FOS3
FOS2
FOS1
FOS0
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Frames Out-of-Sync Counter Bits 0 to 7 (FOS0 to FOS7). FOS0 is the LSB of the 16-bit frames out-
of-sync count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com