Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2155 Datasheet(PDF) 45 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 45 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 41Page - Dallas Semiconductor DS2155 Datasheet HTML 42Page - Dallas Semiconductor DS2155 Datasheet HTML 43Page - Dallas Semiconductor DS2155 Datasheet HTML 44Page - Dallas Semiconductor DS2155 Datasheet HTML 45Page - Dallas Semiconductor DS2155 Datasheet HTML 46Page - Dallas Semiconductor DS2155 Datasheet HTML 47Page - Dallas Semiconductor DS2155 Datasheet HTML 48Page - Dallas Semiconductor DS2155 Datasheet HTML 49Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 238 page
background image
DS2155
45 of 238
8. CLOCK MAP
Figure 8-1 shows the clock map of the DS2155. The routing for the transmit and receive clocks are shown
for the various loopback modes and jitter attenuator positions. Although there is only one jitter attenuator,
which can be placed in the receive or transmit path, two are shown for simplification and clarity.
Figure 8-1. Clock Map
The TCLK MUX is dependent on the state of the TCSS0 and TCSS1 bits in the CCR1 register and the
state of the TCLK pin.
TCSS1
TCSS0
Transmit Clock Source
0
0
The TCLK pin (C) is always the source of transmit clock.
0
1
Switch to the recovered clock (B) when the signal at the TCLK pin
fails to transition after one channel time.
1
0
Use the scaled signal (A) derived from MCLK as the transmit clock.
The TCLK pin is ignored.
1
1
Use the recovered clock (B) as the transmit clock. The TCLK pin is
ignored.
TRANSMIT
FORMATTER
RECEIVE
FRAMER
BPCLK
SYNTH
REMOTE
LOOPBACK
FRAMER
LOOPBACK
PAYLOAD
LOOPBACK
(SEE NOTES)
LTCA
LTCA
JITTER ATTENUATOR
SEE LIC1 REGISTER
LOCAL
LOOPBACK
BPCLK
RCLK
TCLK
MCLK
RXCLK
TXCLK
TO
LIU
LLB = 0
LLB = 1
PLB = 0
PLB = 1
RLB = 1
RLB = 0
FLB = 1
FLB = 0
JAS = 0
AND
DJA = 0
JAS = 1
OR
DJA = 1
JAS = 0
OR
DJA = 1
JAS = 1
AND
DJA = 0
RCL = 1
RCL = 0
DJA = 1
DJA = 0
8XCLK
8 x PLL
PRE-SCALER
LIC4.MPS0
LIC4.MPS1
LIC2.3
2.048 TO 1.544
SYNTHESIZER
B
A
C
MCLKS = 0
TSYSCLK
MCLKS = 1
TCLK
MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com