Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS28EC20 Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS28EC20
Description  20Kb 1-Wire EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS28EC20 Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS28EC20 Datasheet HTML 5Page - Dallas Semiconductor DS28EC20 Datasheet HTML 6Page - Dallas Semiconductor DS28EC20 Datasheet HTML 7Page - Dallas Semiconductor DS28EC20 Datasheet HTML 8Page - Dallas Semiconductor DS28EC20 Datasheet HTML 9Page - Dallas Semiconductor DS28EC20 Datasheet HTML 10Page - Dallas Semiconductor DS28EC20 Datasheet HTML 11Page - Dallas Semiconductor DS28EC20 Datasheet HTML 12Page - Dallas Semiconductor DS28EC20 Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DS28EC20: 20Kb 1-Wire EEPROM
9 of 24
MEMORY FUNCTION COMMANDS
The Memory Function Flow Chart (Figure 7) describes the protocols necessary for accessing the memory of the
DS28EC20. The target address registers TA1 and TA2 are used for both read and write. To prevent accidental
changes to the data memory or control registers the device employs a BS-flag indicating a “bad sequence”. The
communication between master and DS28EC20 takes place either at standard speed (default, OD = 0) or at
overdrive speed (OD = 1). If not explicitly set into the Overdrive mode, the DS28EC20 assumes standard speed.
WRITE SCRATCHPAD COMMAND [0Fh]
The Write Scratchpad command applies to the data memory and the writable addresses in the register page. After
issuing the Write Scratchpad command, the master must first provide the 2-byte target address, followed by the
data to be written to the scratchpad. The data is written to the scratchpad starting at the byte offset of T[4:0]. The
ES bits E[4:0] are loaded with the starting byte offset, and increment with each subsequent byte. Effectively, E[4:0]
is the byte offset of the last full byte written to the scratchpad. Only full bytes are accepted. If the last byte is
incomplete its content is ignored and the partial byte flag PF is set. The PF flag is also set if the master ends the
command before a complete target address is transmitted. The PF and BS flags are both cleared when a complete
target address is received.
When executing the Write Scratchpad command, the CRC generator inside the DS28EC20 (Figure 13) calculates a
16-bit CRC of the entire data stream, starting at the command code and ending at the last data byte as sent by the
master. This CRC is generated using the CRC16 polynomial (x
16 + x15 + x2 + 1) by first clearing the CRC generator
and then shifting in the command code (0Fh) of the Write Scratchpad command, the target addresses TA1 and
TA2 as supplied by the master, and all the data bytes. The master can end the Write Scratchpad command at any
time. However, if the end of the scratchpad is reached (E[4:0] = 11111b), the master can send 16 read-time slots to
receive the CRC generated by the DS28EC20.
If a Write Scratchpad is attempted to a write-protected location, the scratchpad is loaded with the data already in
memory, rather than the data transmitted. Similarly, if the target address page is in EPROM mode, the scratchpad
is loaded with the bitwise logical AND of the transmitted data and the data already in memory.
The DS28EC20’s memory address range is 0000h to 0A3Fh. If the bus master sends a target address higher than
this, the DS28EC20’s internal circuitry sets the four most significant address bits to zero as they are shifted into the
internal address register. The Read Scratchpad command reveals the modified target address. The master
identifies such address modifications by comparing the target address read back to the target address transmitted.
If the master does not read the scratchpad, a subsequent Copy Scratchpad command does not work since the
most significant bits of the target address the master sends do not match the value the DS28EC20 expects.
READ SCRATCHPAD COMMAND [AAh]
The Read Scratchpad command allows verifying the target address and the integrity of the scratchpad data. After
issuing the command code, the master begins reading. The first two bytes are the target address. The next byte is
the Ending Offset/Data Status byte (E/S) followed by the scratchpad data beginning at the byte offset (T[4:0]). The
scratchpad data can be different from what the master originally sent. This is of particular importance if the target
address is within the register page or a page in either Write Protection or EPROM modes. See the Write
Scratchpad Command section for details. The master should read through the end of the scratchpad, after which it
receives an inverted CRC16, based on data as it was sent by the DS28EC20. If the master continues reading after
the CRC, all data are logic 1s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com