Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2502/T Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS2502/T
Description  1 kbit Add-Only Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2502/T Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS2502/T Datasheet HTML 14Page - Dallas Semiconductor DS2502/T Datasheet HTML 15Page - Dallas Semiconductor DS2502/T Datasheet HTML 16Page - Dallas Semiconductor DS2502/T Datasheet HTML 17Page - Dallas Semiconductor DS2502/T Datasheet HTML 18Page - Dallas Semiconductor DS2502/T Datasheet HTML 19Page - Dallas Semiconductor DS2502/T Datasheet HTML 20Page - Dallas Semiconductor DS2502/T Datasheet HTML 21Page - Dallas Semiconductor DS2502/T Datasheet HTML 22Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DS2502
21 of 22
ABSOLUTE MAXIMUM RATINGS*
Voltage on any Pin Relative to Ground
-0.5V to +12.0V
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(VPUP=2.8V to 6.0V; -40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1
VIH
2.2
V
1, 6
Logic 0
VIL
-0.3
+0.8
V
1, 11
Output Logic Low @ 4 mA
VOL
0.4
V
1
Output Logic High
VOH
VPUP
6.0
V
1, 2
Input Load Current
IL
5
μA
3
Operating Charge
QOP
30
nC
7, 8
Programming Voltage @ 10 mA
VPP
11.5
12.0
V
CAPACITANCE
(tA =25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Data (1-Wire)
CIN/OUT
800
pF
9
AC ELECTRICAL CHARACTERISTICS
(VPUP=2.8V to 6.0V; -40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Time Slot
tSLOT
60
120
µs
Write 1 Low Time
tLOW1
1
15
µs
Write 0 Low Time
tLOW0
60
120
µs
Read Data Valid
tRDV
exactly 15
µs
Release Time
tRELEASE
0
15
45
µs
Read Data Setup
tSU
1
µs
5
Recovery Time
tREC
1
µs
Reset Time High
tRSTH
480
µs
4
Reset Time Low
tRSTL
480
µs
Presence Detect High
tPDH
15
60
µs
Presence Detect Low
tPDL
60
240
µs
Delay to Program
tDP
5
ms
10
Delay to Verify
tDV
5
µs
10
Program Pulse Width
tPP
480
5000
µs
10, 12
Program Voltage Rise Time
tRP
0.5
5.0
µs
10
Program Voltage Fall Time
tFP
0.5
5.0
µs
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com