Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC33FJ64GP710 Datasheet(PDF) 3 Page - Microchip Technology

Part # DSPIC33FJ64GP710
Description  Silicon Errata
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ64GP710 Datasheet(HTML) 3 Page - Microchip Technology

  DSPIC33FJ64GP710 Datasheet HTML 1Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 2Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 3Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 4Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 5Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 6Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 7Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 8Page - Microchip Technology DSPIC33FJ64GP710 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2006 Microchip Technology Inc.
DS80279B-page 3
dsPIC33F
2.
Module: 12-bit ADC
When the ADC module is configured for 12-bit
operation, the specifications in the data sheets are
not met.
Work around
Implement the ADC module as an 11-bit ADC with
a maximum conversion rate of 300 Ksps.
1. The specifications provided below reflect 11-bit
ADC operation. RIN source impedance is rec-
ommended as 200 ohms and sample time is
recommended as 3 TAD to ensure compatibility
on future enhanced ADC modules. Missing
codes are possible every 27 codes.
2. When used as a 10-bit ADC, the INL is <±2
LSBs, and DNL is <±1 LSB with no missing
codes. Maximum conversion rate is 300 Ksps.
TABLE 1:
ADC PERFORMANCE (11-BIT OPERATION)
Param No.
Symbol
Min
Typical
Max
Units
Conditions
AD17
RIN
—
—
200
Ohm
12-bit
ADC Accuracy – Measurements taken with External VREF+/VREF-
AD20a
Nr
—
12 bits
—
Bits
AD21a
INL
-2
—
2
LSB
AD22a
DNL
-1.5
—
1
LSB
AD23a
GERR
1
5
10
LSB
AD24a
EOFF
1
3
6
LSB
ADC Accuracy – Measurements taken with Internal VREF+/VREF-
AD21aa
INL
-2
—
2
LSB
AD22aa
DNL
-1.5
—
1
LSB
AD23aa
GERR
5
10
20
LSB
AD24aa
EOFF
3
6
15
LSB
Dynamic Performance
AD33a
FNYQ
—
—
150
KHz
AD34a
ENOB
9.5
9.6
10.4
Bits
ADC Conversion Rate
AD56a
FCNV
—
—
300
Ksps
AD57a
TSAMP
—
3 TAD
——



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com