Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDTL494 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GDTL494
Description  VOLTAGE MODE PWN CONTROL CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GDTL494 Datasheet(HTML) 1 Page - GTM CORPORATION

  GDTL494 Datasheet HTML 1Page - GTM CORPORATION GDTL494 Datasheet HTML 2Page - GTM CORPORATION GDTL494 Datasheet HTML 3Page - GTM CORPORATION GDTL494 Datasheet HTML 4Page - GTM CORPORATION GDTL494 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
ISSUED DATE :2003/05/26
REVISED DATE :2004/10/05B
G
G D
D T
T L
L 449944
V
V O
O L
L T
T A
A G
G E
E M
M O
O D
D E
E P
P W
W M
M C
C O
O N
N T
T R
R O
O L
L C
C II R
R C
C U
U II T
T
Description
The GDTL494 incorporates all the functions required in the construction of a pulse-width modulation switching circuit. Designed
Primarily for switching power supply control or DC-DC convectors, it offers the systems engineer the flexibility to tailor control circuitry
to its own application.
Features
*Complete PWM power control circuitry
*Uncommitted outputs for 200 mA sink or source current
*Output control selects single ended or push pull operation
*Internal circuitry prohibits double pulses over total range.
*Easy synchronization.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
-
5.334
c1
0.203
0.279
A1
0.381
-
D
18.92
19.69
A2
3.175
3.429
E
6.096
6.604
b
0.406
0.508
E1
7.493
8.001
b1
0.356
0.508
e
2.413
2.667
b2
1.270
1.778
HE
8.509
9.525
b3
0.762
1.143
L
3.175
3.683
c
0.203
0.356
S
0
15
Absolute Maximum Ratings (Unless otherwise noted all is over operating free air temperature range)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage (note1)
Vcc
41
V
Amplifier Input Voltage
Vi
Vcc+0.3
V
Collector output Voltage
Vo
41
V
Collector output Current
Ico
250
mA
Continuous Total Dissipation at (or for below)
25 : free air Temperature(note 2)
PD
1000
mW
Operating Temperature Range
Topr
0 TO 70
:
Storage Temperature Range
Tstg
-65 TO 150
:
Lead Temperature 1.6mm from Case for 60 Sec.
Tcase
300
:
Note1: All voltage values, except differential voltages are with respect to the network ground terminal.
Note2:For operation above 25 : free-air temperature, the dissipation derates with 9.2mW/ : .


Similar Part No. - GDTL494

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GDTL494 ETL-GDTL494 Datasheet
251Kb / 5P
V O L T A G E M O D E P W M C O N T R O L C II R C U II T
More results

Similar Description - GDTL494

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTL494 UTC-UTCTL494 Datasheet
54Kb / 6P
VOLTAGE MODE PWM CONTROL CIRCUIT
logo
Cherry Semiconductor Co...
CS3524A CHERRY-CS3524A Datasheet
151Kb / 6P
Voltage Mode PWM Control Circuit with 200mA Output Drivers
Rev. 10/28/96
logo
Unisonic Technologies
TL494 UTC-TL494_05 Datasheet
189Kb / 7P
VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_09 Datasheet
199Kb / 7P
VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_12 Datasheet
194Kb / 7P
VOLTAGE MODE PWM CONTROL CIRCUIT
TL494 UTC-TL494_13 Datasheet
291Kb / 8P
VOLTAGE MODE PWM CONTROL CIRCUIT
logo
Texas Instruments
UCC2808AD-1G4 TI1-UCC2808AD-1G4 Datasheet
505Kb / 13P
LOW POWER CURRENT MODE PUSH-PULL PWN
logo
E-Tech Electronics LTD
TL494 ETL-TL494 Datasheet
291Kb / 8P
VOLTAGE MODE PWM CONTROL CIRCUIT
logo
Unisonic Technologies
TL494 UTC-TL494_15 Datasheet
317Kb / 8P
VOLTAGE MODE PWM CONTROL CIRCUIT
logo
ON Semiconductor
CS3524A ONSEMI-CS3524A Datasheet
237Kb / 8P
Voltage Mode PWM Control Circuit
July, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com