Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8772H/8 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8772H/8
Description  Triple 8-bit video digital-to-analog converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8772H/8 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8772H/8 Datasheet HTML 1Page - NXP Semiconductors TDA8772H/8 Datasheet HTML 2Page - NXP Semiconductors TDA8772H/8 Datasheet HTML 3Page - NXP Semiconductors TDA8772H/8 Datasheet HTML 4Page - NXP Semiconductors TDA8772H/8 Datasheet HTML 5Page - NXP Semiconductors TDA8772H/8 Datasheet HTML 6Page - NXP Semiconductors TDA8772H/8 Datasheet HTML 7Page - NXP Semiconductors TDA8772H/8 Datasheet HTML 8Page - NXP Semiconductors TDA8772H/8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1997 Mar 06
3
Philips Semiconductors
Product specification
Triple 8-bit video digital-to-analog
converter
TDA8772
QUICK REFERENCE DATA
Note
1. Minimum and maximum data of current and power consumption are measured in worse case conditions: for
minimum data, all digital inputs are at logic level 0 while for maximum data, all digital inputs are at logic level 1.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDA
analog supply voltage
4.5
5.0
5.5
V
VDDD
digital supply voltage
4.5
5.0
5.5
V
IDDA
analog supply current
RL =75 Ω; note 1
40
65
100
mA
IDDD
digital supply current
TDA8772H/3
−
716
mA
TDA8772H/8
−
16
27
mA
INL
integral non-linearity2
fclk = 35 MHz; ramp input
−±0.5
±1
LSB
fclk = 85 MHz; ramp input
−±0.75
±1.2
LSB
DNL
differential non-linearity
fclk = 35 MHz; ramp input
−±0.25
±0.5
LSB
fclk = 85 MHz; ramp input
-
±0.5
±0.75
LSB
fclk(max)
maximum clock frequency
TDA8772H/3
35
−−
MHz
TDA8772H/8
85
−−
MHz
Ptot
total power dissipation
note 1
TDA8772H/3
RL =75 Ω; fclk = 35 MHz
180
360
640
mW
TDA8772H/8
RL =75 Ω; fclk = 85 MHz
180
405
700
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com