Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE949 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE949
Description  Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE949 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCE949 Datasheet HTML 9Page - Texas Instruments CDCE949 Datasheet HTML 10Page - Texas Instruments CDCE949 Datasheet HTML 11Page - Texas Instruments CDCE949 Datasheet HTML 12Page - Texas Instruments CDCE949 Datasheet HTML 13Page - Texas Instruments CDCE949 Datasheet HTML 14Page - Texas Instruments CDCE949 Datasheet HTML 15Page - Texas Instruments CDCE949 Datasheet HTML 16Page - Texas Instruments CDCE949 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Block Read Programming Sequence
1
7
1
1
1
1
1
1
S
Slave Address
Wr
A
A
Sr
Rd
A
8
1
1
1
1
ByteCountN
A
A
A
P
DataByte0
…
DataByteN-1
8
CommandCode
7
Slave Address
8
8
Timing Diagram for the SDA/SCL Serial Control Interface
P
S
P
t(BUS)
tw(SCLL)
tw(SCLH)
tr
tf
th(START)
t
SU(SDA)
t
h(SDA)
tSU(STOP)
tSU(START)
tr
tf
SCL
SDA
VIH
VIL
VIH
VIL
A
Bit7(MSB)
Bit6
Bit0(LSB)
SDA/SCL Hardware Interface
R
P
Master
R
P
SDA
SCL
C
BUS
Slave
CDCE949
CDCEL949
C
BUS
CDCE949
CDCEL949
SCAS844 – JUNE 2007
Figure 11. Block Read Protocol
Figure 12. Timing Diagram for the SDA/SCL Serial Control Interface
Figure 13 shows how the CDCE949/CDCEL949 clock synthesizer is connected to the SDA/SCL serial interface
bus. Multiple devices can be connected to the bus but the speed may need to be reduced (400 kHz is the
maximum) if many devices are connected.
Note that the pull-up resistor value (RP) depends on the supply voltage, bus capacitance and number of
connected devices. The recommended pull-up value is 4.7 k
Ω. It must meet the minimum sink current of 3 mA
at VOLmax = 0.4 V for the output stages (for more details see the SMBus or I
2C Bus specification).
Figure 13. SDA/SCL Hardware Interface
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com