Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCE949PW Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE949PW
Description  Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE949PW Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCE949PW Datasheet HTML 17Page - Texas Instruments CDCE949PW Datasheet HTML 18Page - Texas Instruments CDCE949PW Datasheet HTML 19Page - Texas Instruments CDCE949PW Datasheet HTML 20Page - Texas Instruments CDCE949PW Datasheet HTML 21Page - Texas Instruments CDCE949PW Datasheet HTML 22Page - Texas Instruments CDCE949PW Datasheet HTML 23Page - Texas Instruments CDCE949PW Datasheet HTML 24Page - Texas Instruments CDCE949PW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
CDCE949
CDCEL949
SCAS844 – JUNE 2007
Table 12. PLL3 Configuration Register
OFFSET(1)
Bit(2)
Acronym
Default(3)
DESCRIPTION
30h
7:5
SSC3_7 [2:0]
000b
SSC3: PLL3 SSC Selection (Modulation Amount)(4)
4:2
SSC3_6 [2:0]
000b
Down
Center
000 (off)
000 (off)
1:0
SSC3_5 [2:1]
001 – 0.25%
001
± 0.25%
000b
010 – 0.5%
010
± 0.5%
31h
7
SSC3_5 [0]
011 – 0.75%
011
± 0.75%
6:4
SSC3_4 [2:0]
000b
100 – 1.0%
100
± 1.0%
101 – 1.25%
101
± 1.25%
3:1
SSC3_3 [2:0]
000b
110 – 1.5%
110
± 1.5%
0
SSC3_2 [2]
111 – 2.0%
111
± 2.0%
000b
32h
7:6
SSC3_2 [1:0]
5:3
SSC3_1 [2:0]
000b
2:0
SSC3_0 [2:0]
000b
33h
7
FS3_7
0b
FS3_x: PLL3 Frequency Selection(4)
6
FS3_6
0b
0 – fVCO3_0 (predefined by PLL3_0 – Multiplier/Divider value)
1 – fVCO3_1 (predefined by PLL3_1 – Multiplier/Divider value)
5
FS3_5
0b
4
FS3_4
0b
3
FS3_3
0b
2
FS3_2
0b
1
FS3_1
0b
0
FS3_0
0b
34h
PLL3 Multiplexer:
0 – PLL3
7
MUX3
1b
1 – PLL3 Bypass (PLL3 is in power down)
Output Y6 Multiplexer:
0 – Pdiv4
6
M6
1b
1 – Pdiv6
Output Y7 Multiplexer:
00 – Pdiv4-Divider
01 – Pdiv6-Divider
5:4
M7
10b
10 – Pdiv7-Divider
11 – reserved
3:2
Y6Y7_ST1
11b
Y6,
00 – Y6/Y7 disabled to 3-State (PLL3 is in power down)
Y7-State0/1definition:
01 – Y6/Y7 disabled to 3-State (PLL3 on)
10 –Y6/Y7 disabled to low (PLL3 on)
1:0
Y6Y7_ST0
01b
11 – Y6/Y7 enabled (normal operation, PLL3 on)
35h
7
Y6Y7_7
0b
Y6Y7_x Output State Selection(4)
6
Y6Y7_6
0b
0 – state0 (predefined by Y6Y7_ST0)
1 – state1 (predefined by Y6Y7_ST1)
5
Y6Y7_5
0b
4
Y6Y7_4
0b
3
Y6Y7_3
0b
2
Y6Y7_2
0b
1
Y6Y7_1
1b
0
Y6Y7_0
0b
36h
PLL3 SSC down/center selection:
0 – down
7
SSC3DC
0b
1 – center
7-Bit Y6-Output-Divider Pdiv6:
0 – reset and stand-by
6:0
Pdiv6
01h
1-to-127 – divider value
37h
7
—
0b
Reserved – do not write others than 0
7-Bit Y7-Output-Divider Pdiv7:
0 – reset and stand-by
6:0
Pdiv7
01h
1-to-127 – divider value
(1)
Writing data beyond 50h may adversely affect device function.
(2)
All data is transferred MSB-first.
(3)
Unless a custom setting is used
(4)
The user can pre-define up to eight different control settings. In normal device operation, these settings can be selected by the external
control pins, S0, S1, and S2.
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com