Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8784 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8784
Description  18 Msps, 10-bit analog-to-digital interface for CCD cameras
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8784 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8784 Datasheet HTML 17Page - NXP Semiconductors TDA8784 Datasheet HTML 18Page - NXP Semiconductors TDA8784 Datasheet HTML 19Page - NXP Semiconductors TDA8784 Datasheet HTML 20Page - NXP Semiconductors TDA8784 Datasheet HTML 21Page - NXP Semiconductors TDA8784 Datasheet HTML 22Page - NXP Semiconductors TDA8784 Datasheet HTML 23Page - NXP Semiconductors TDA8784 Datasheet HTML 24Page - NXP Semiconductors TDA8784 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1999 Sep 21
21
Philips Semiconductors
Product specification
18 Msps, 10-bit analog-to-digital
interface for CCD cameras
TDA8784
APPLICATION INFORMATION
handbook, full pagewidth
MGM516
1
2
3
4
5
6
7
8
9
10
11
36
48
47
46
45
44
43
42
41
40
39
38
37
13
14
15
16
17
18
19
20
21
22
23
24
35
34
33
32
31
30
29
28
27
26
12
25
TDA8784
OGND
D9
D8
D7
D5
D4
D3
D2
D1
D0
DGND1
CLPOB
AGND4
OFDOUT
AMPOUT
AGND1
VCCA1
CPCDS
AGND5
CLPADC
Vref
D6
AGCOUT
ADCIN
from timing
generator
serial
interface
5.0 V
5.0 V
5.0 V
5.0 V
CCD
2.5 to 5.25 V
(3)
1
µF
1
µF
(3)
(3)
(2)
(1)
(3)
5.0 V
(3)
100
nF
1
nF
2.2
nF
1
nF
(3)
1
µF
Fig.16 Application diagram.
Depending on the application, the following connections must be made:
(1) The clamp level of the signal input at ADCIN can be tuned from code 00 to code 511 in 0.5 LSB steps of ADC via the serial interface
(clamp ADC activated).
(2) Clamp ADC not activated, direct connection from DACOUT to Vref.
(3) All supply pins must be decoupled with 100 nF capacitors as close as possible to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com