Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC66B-E/P Datasheet(PDF) 13 Page - Microchip Technology

Part # 93LC66B-E/P
Description  4K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66B-E/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button 93LC66B-E/P Datasheet HTML 9Page - Microchip Technology 93LC66B-E/P Datasheet HTML 10Page - Microchip Technology 93LC66B-E/P Datasheet HTML 11Page - Microchip Technology 93LC66B-E/P Datasheet HTML 12Page - Microchip Technology 93LC66B-E/P Datasheet HTML 13Page - Microchip Technology 93LC66B-E/P Datasheet HTML 14Page - Microchip Technology 93LC66B-E/P Datasheet HTML 15Page - Microchip Technology 93LC66B-E/P Datasheet HTML 16Page - Microchip Technology 93LC66B-E/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21795C-page 13
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Example:
6-Lead SOT-23
8-Lead MSOP (150 mil)
Example:
XXXXXXT
YWWNNN
3L66BI
5281L7
XXNN
3EL7
T/XXXNNN
XXXXXXXX
YYWW
8-Lead PDIP
8-Lead SOIC
XXXXYYWW
XXXXXXXT
NNN
XXXX
TYWW
8-Lead TSSOP
NNN
I/P
1L7
93LC66B
0528
Example:
Example:
SN
0528
93LC66BI
1L7
1L7
L66B
I528
Example:
3
e
3
e
8-Lead 2x3 DFN
Example:
374
528
L7
XXX
YWW
NN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com