Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8792M Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8792M
Description  3.3 V, 25 MHz 8-bit analog-to-digital converter ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8792M Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8792M Datasheet HTML 4Page - NXP Semiconductors TDA8792M Datasheet HTML 5Page - NXP Semiconductors TDA8792M Datasheet HTML 6Page - NXP Semiconductors TDA8792M Datasheet HTML 7Page - NXP Semiconductors TDA8792M Datasheet HTML 8Page - NXP Semiconductors TDA8792M Datasheet HTML 9Page - NXP Semiconductors TDA8792M Datasheet HTML 10Page - NXP Semiconductors TDA8792M Datasheet HTML 11Page - NXP Semiconductors TDA8792M Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1996 Feb 21
8
Philips Semiconductors
Product specification
3.3 V, 25 MHz 8-bit
analog-to-digital converter (ADC)
TDA8792
Notes
1. In addition to a good layout of the digital and analog ground, it is recommended that the rise and fall times of the clock
must not be less than 1 ns.
2. The analog bandwidth is defined as the maximum full-scale input sine wave frequency which can be applied to the
device. No glitches greater than 8 LSBs are observed in the reconstructed signal neither is there any significant
attenuation.
3. The analog input settling time is the minimum time required for the input signal to be stabilized after a sharp full-scale
input (square-wave signal) in order to sample the signal and obtain correct output data.
4. Effective bits are obtained via a Fast Fourier Transform (FFT) treatment taking 8K acquisition points per equivalent
fundamental period. The calculation takes into account all harmonics and noise up to half of the clock frequency
(NYQUIST frequency). Conversion to signal-to-noise ratio: S/N = EB
× 6.02 + 1.76 dB.
5. Measurement carried out using video analyser VM700A, where the video analog signal is reconstructed through a
digital-to-analog converter.
6. Output data acquisition: the output data is available after the maximum delay time of td. In the event of 25 MHz clock
operation, the hardware design must be taken into account the td and th limits with respect to the input characteristics
of the acquisition circuit.
7. Maximum value standby mode start-up output delay time (HIGH-to-LOW transition):
.
EFFECTIVE BITS; see Figs 6 and 11; note 4
EB
effective bits
fclk = 25 MHz
fi = 2.0 MHz
−
7.4
−
bits
fi = 4.43 MHz
−
7.3
−
bits
fi = 7.5 MHz
−
7.2
−
bits
fi = 10 MHz
−
7.0
−
bits
DIFFERENTIAL GAIN; see note 5
Gdiff
differential gain
fclk = 25 MHz;
PAL modulated ramp
−
1.5
−
%
DIFFERENTIAL PHASE; see note 5
ϕ
diff
differential phase
fclk = 25 MHz;
PAL modulated ramp
−
0.5
−
deg
Timing (fclk = 25 MHz); see Fig.3 and note 6
tds
sampling delay time
−−
2ns
th
output hold time
6
−−
ns
td
output delay time
8
13
25
ns
3-state output delay times; see Fig.4
tdZH
enable HIGH
−
17
28
ns
tdZL
enable LOW
−
22
30
ns
tdHZ
disable HIGH
−
20
28
ns
tdLZ
disable LOW
−
22
30
ns
Standby mode output delay times
tdSTBLH
standby (LOW-to-HIGH transition)
−−
200
ns
tdSTBHL
start-up (HIGH-to-LOW transition)
−−
note 7
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
100
7000
f
clk (MHz)
------------------------
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com