Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GI3669 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GI3669
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GI3669 Datasheet(HTML) 1 Page - GTM CORPORATION

  GI3669 Datasheet HTML 1Page - GTM CORPORATION GI3669 Datasheet HTML 2Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G
I3669
Page: 1/2
ISSUED DATE :2005/08/31
REVISED DATE :2005/11/28B
G
G
II33666699
N
N P
P N
N E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The G
I3669 is designed for using in power amplifier applications, power switching applications.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.40
6.80
G
0.50
0.70
B
5.20
5.50
H
2.20
2.40
C
6.80
7.20
J
0.45
0.55
D
7.20
7.80
K
0.45
0.60
E
2.30 REF.
L
0.90
1.50
F
0.60
0.90
M
5.40
5.80
Absolute Maximum Ratings (TA=25 )
::::
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
80
V
Collector to Emitter Voltage
VCEO
80
V
Emitter to Base Voltage
VEBO
5
V
Collector Current (DC)
IC
2
A
Total Device Dissipation (TA=25 )
:
PD
1.25
W
Junction Temperature
TJ
150
:
Storage Temperature
Tstg
-55 ~ +150
:
Electrical Characteristics (TA = 25 : unless otherwise noted)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
80
-
-
V
IC=100uA, IE=0
BVCEO
80
-
-
V
IC=10mA, IB=0
BVEBO
5
-
-
V
IE=100uA, IC=0
ICBO
-
-
1
uA
VCB=80V, IE=0
IEBO
-
-
1
uA
VEB=5V, IC=0
*VCE(sat)
-
0.15
0.5
V
IC=1A, IB=50mA
*VBE(sat)
-
0.9
1.2
V
IC=1A, IB=50mA
*hFE1
70
-
240
VCE=2V, IC=0.5A
*hFE2
40
-
-
VCE=2V, IC=1.5A
fT
-
100
-
MHz
VCE=2V, IE=500mA, f=100MHz
Cob
-
30
-
pF
VCB=10V, IE=0, f=1MHz
ton (Turn-On Time)
-
0.2
-
us
tstg (Storage Time)
-
1.0
-
us
tf (Fall Time)
-
0.2
-
us
VCC=30V, RL=30 ,
IC=1A,
IB1=-IB2=50mA,
Duty Cycle 1%
*Pulse Test: Pulse Width 380 s, Duty Cycle 2%
Classification Of hFE1
Rank
O
Y
Range
70 ~ 140
120 ~ 240
TO-251


Similar Part No. - GI3669

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI3669 ETL-GI3669 Datasheet
161Kb / 2P
N P N E P I T A X I A L P L A N A R T R A N S I S T O R
More results

Similar Description - GI3669

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com