Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT04N004B-R-B Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # MT04N004B-R-B
Description  N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MT04N004B-R-B Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MT04N004B-R-B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MT04N004B-R-B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MT04N004B-R-B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MT04N004B-R-B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MT04N004B-R-B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MT04N004B-R-B Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MT04N004B-R-B Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MT04N004B-R-B Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
版本:202305A
1/8
N 沟道增强型场效应晶体管
N-CHANNEL MOSFET
MT04N004B
-
订 货 型 号 Order codes
印
记
Marking
封
装
Package
有卤-条管
Halogen-Tube
无卤-条管
Halogen-Free-Tube
有卤-编带
Halogen-Reel
无卤-编带
Halogen-Free-Reel
MT04N004B-R-B
MT04N004B-R-BR
MT04N004B-R-A
MT04N004B-R-AR
MT04N004B
DPAK
封装 Package
主要参数
MAIN
CHARACTERISTICS
ID
120A
VDSS
40V
Rdson-max
(@Vgs=10V)
4.0mΩ
Qg-typ
72.7nC
用途
 高功率 DC/DC 转换与
功率开关
 直流电机控制
 不间断电源
APPLICATIONS
 High power DC/DC
converters and switch
mode power supplies
 DC motor control
 Uninterruptible power
supply
产品特性
低栅极电荷
低 Rdson
开关速度快
产品全部经过雪崩测试
高抗 dv/dt 能力
RoHS 产品
FEATURES
Low gate charge
Low Rdson
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
订货信息 ORDER MESSAGE


Similar Part No. - MT04N004B-R-B

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
MT01 PF-MT01 Datasheet
2Mb / 2P
Magnet system tester
logo
AEI Security & Communic...
MT01 AEI-MT01 Datasheet
24Kb / 1P
MT01 Wirefree Magnetic Door/Window Contact
MT01-434 AEI-MT01-434 Datasheet
24Kb / 1P
MT01 Wirefree Magnetic Door/Window Contact
logo
Marktech Corporate
MT0303-BL MARKTECH-MT0303-BL Datasheet
372Kb / 2P
Ultra Bright Blue 3mm LED
MT0303-UO MARKTECH-MT0303-UO Datasheet
375Kb / 2P
Ultra Bright Orange 3mm LED
More results

Similar Description - MT04N004B-R-B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com