Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4997IQT Datasheet(PDF) 30 Page - STMicroelectronics

Part # TS4997IQT
Description  2 x 1W differential input stereo audio amplifier with programmable 3D effects
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4997IQT Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TS4997IQT Datasheet HTML 26Page - STMicroelectronics TS4997IQT Datasheet HTML 27Page - STMicroelectronics TS4997IQT Datasheet HTML 28Page - STMicroelectronics TS4997IQT Datasheet HTML 29Page - STMicroelectronics TS4997IQT Datasheet HTML 30Page - STMicroelectronics TS4997IQT Datasheet HTML 31Page - STMicroelectronics TS4997IQT Datasheet HTML 32Page - STMicroelectronics TS4997IQT Datasheet HTML 33Page - STMicroelectronics TS4997IQT Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
QFN16 package information
TS4997
30/34
5
QFN16 package information
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a Lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.
Figure 69.
QFN16 package
Figure 70.
Pinout (top view)
56
7
8
16
15
14
13
12
11
10
9
1
2
3
4
LIN-
LIN+
RIN+
RIN-
LOUT+
LOUT-
ROUT+
ROUT-
BYP VCC
3D1
3D0
GND GND
STBYR
STBYL
56
7
8
16
15
14
13
16
15
14
13
12
11
10
9
1
2
3
4
LIN-
LIN+
RIN+
RIN-
LOUT+
LOUT-
ROUT+
ROUT-
BYP VCC
3D1
3D0
GND GND
STBYR
STBYL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com