Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8941 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8941
Description  1.5 W mono Bridge Tied Load BTL audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8941 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8941 Datasheet HTML 13Page - NXP Semiconductors TDA8941 Datasheet HTML 14Page - NXP Semiconductors TDA8941 Datasheet HTML 15Page - NXP Semiconductors TDA8941 Datasheet HTML 16Page - NXP Semiconductors TDA8941 Datasheet HTML 17Page - NXP Semiconductors TDA8941 Datasheet HTML 18Page - NXP Semiconductors TDA8941 Datasheet HTML 19Page - NXP Semiconductors TDA8941 Datasheet HTML 20Page - NXP Semiconductors TDA8941 Datasheet HTML 21Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Philips Semiconductors
TDA8941P
1.5 W mono BTL audio amplifier
Product specification
Rev. 02 — 7 April 2000
18 of 21
9397 750 06864
© Philips Electronics N.V. 2000. All rights reserved.
18. Revision history
Table 11: Revision history
Rev Date
CPCN
Description
02
20000407
-
Product specification; second version; supersedes initial version TDA8941P-01 of
14 April 1999 (9397 750 04876). Modifications:
• Table 1 on page 1:THD: Max value 0.1% changed to → 0.3%;
SVRR: Typ value 65 dB
→ added
• Ordering options removed
• Section 8 “Functional description”:
– Section 8.1 “Input configuration” on page 3
→ added.
– Section 8.2 “Power amplifier” on page 4: ........, capable of delivering a peak output
current of 1.5 A
→ changed to 2 A.
– Section 8.2.1 “Output power measurement” on page 4
→ added
– Section 8.2.2 “Headroom” on page 4
→ added
• Section 8.3 “Mode selection”:
– Standby mode: VMODE >(VCC − 0.5 V) → changed to (VCC − 0.5 V) < VMODE <VCC; The
power consumption of the
TDA8941P will be reduced to <0.18 mW
→ added.
– Mute mode: the DC level of the input and output pins remain on half the supply
voltage
→ added;
– 2.5 V < VMODE <(VCC − 1.5 V) → changed to 3 V < VMODE <(VCC − 1.5 V)
– Section 8.3.1 “Switch-on and switch-off” on page 5
→ added.
• Section 8.4 “Supply Voltage Ripple Rejection (SVRR)” on page 5 → added
• Section 8.5 “Built-in protection circuits” on page 6 → added
• Table 5 on page 6:
– Ptot value added 1.25 W
– VCC(sc) value added 12 V
• Table 7 on page 7: VMODE - mute mode - value Min 2.5 → changed to 3 V
• Table 8 on page 8:
– THD: Max value 0.1% changed to
→ 0.3%
– SVRR; Typ values 65 and 60 dB
→ added
– Rsource changed to → RS in table and associated table notes
– Table note [2]: .... 100 mV (RMS).... changed to
→ ... 700 mV (RMS)....
• Figure 3 to 12: figures added
• Section 13 “Internal circuitry” on page 12: → added
• Figure 13: figure modified
• Section 14.1 “Printed-circuit board (PCB)” on page 13: → added
• Figure 14: figure added
• Section 14.2 “Thermal behaviour and Tamb(max) calculation” on page 15: → added
• Section 15 “Test information” on page 15: Section 15.1 → updated
• Section 15.2 “Test conditions” on page 15: → added.
01
19990414
-
Preliminary specification; initial version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com