Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8943 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8943
Description  6 W mono Bridge Tied Load BTL audio amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8943 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8943 Datasheet HTML 9Page - NXP Semiconductors TDA8943 Datasheet HTML 10Page - NXP Semiconductors TDA8943 Datasheet HTML 11Page - NXP Semiconductors TDA8943 Datasheet HTML 12Page - NXP Semiconductors TDA8943 Datasheet HTML 13Page - NXP Semiconductors TDA8943 Datasheet HTML 14Page - NXP Semiconductors TDA8943 Datasheet HTML 15Page - NXP Semiconductors TDA8943 Datasheet HTML 16Page - NXP Semiconductors TDA8943 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Philips Semiconductors
TDA8943SF
6 W mono Bridge Tied Load (BTL) audio amplifier
Product specification
Rev. 02 — 7 April 2000
13 of 20
9397 750 06865
© Philips Electronics N.V. 2000. All rights reserved.
14.1.2
Power supply decoupling
Proper supply bypassing is critical for low-noise performance and high supply voltage
ripple rejection. The respective capacitor locations should be as close as possible to
the device and grounded to the power ground. Proper power supply decoupling also
prevents oscillations.
For suppressing higher frequency transients (spikes) on the supply line a capacitor
with low ESR – typical 100 nF – has to be placed as close as possible to the device.
For suppressing lower frequency noise and ripple signals, a large electrolytic
capacitor – e.g. 1000
µF or greater – must be placed close to the device.
The bypass capacitor on the SVR pin reduces the noise and ripple on the midrail
voltage. For good THD and noise performance a low ESR capacitor is recommended.
Fig 14. Printed-circuit board layout (single-sided); components view.
idth
MGU037
ON
MUTE
220 nF
220 nF
100 nF
1.5 nF
1000
µF
10
µF
1
9
+−
IN
−
IN
+
OUT
+
OUT
−
VCC
GND
54 mm
56 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com