Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2855/1 Datasheet(PDF) 1 Page - Alpha Wire

Part # 2855/1
Description  22 (SOLID) AWG Silver Plated Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2855/1 Datasheet(HTML) 1 Page - Alpha Wire

  2855/1 Datasheet HTML 1Page - Alpha Wire 2855/1 Datasheet HTML 2Page - Alpha Wire 2855/1 Datasheet HTML 3Page - Alpha Wire 2855/1 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 2855/1
Construction
 
Diameters (In)
1) Component 1
1 X 1 HOOKUP
 
a) Conductor
22 (SOLID) AWG Silver Plated Copper
0.025
b) Insulation
0.010" Wall, Nom. PTFE
0.045+/- 0.004
(1) Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE, SLATE, VIOLET
Applicable Specifications
1) UL
AWM/STYLE 1213
105°C
 
VW-1
 
2) Military
MIL-W-16878/4 (Type E)
200°C / 600 VRMS
3) Other
NEMA HP3-EXBFA
 
Environmental


Similar Part No. - 2855/1

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2855 KR-2855 Datasheet
50Kb / 2P
550 MHz to 900 MHz bandpass filter
logo
Adafruit Industries
2855 ADAFRUIT-2855 Datasheet
91Kb / 2P
NeoPixel Ring - 16 x 5050 RGBW LEDs w/ Integrated Drivers - Natural White - ~4500K
logo
KR Electronics, Inc.
2855-SMA KR-2855-SMA Datasheet
99Kb / 3P
725 MHz Bandpass Filter
logo
Wiha Tools
28550 WIHA-28550 Datasheet
2Mb / 20P
PROFESSIONAL TORQUE CONTROL
logo
List of Unclassifed Man...
28551 ETC2-28551 Datasheet
111Kb / 2P
Horizontal and building backbone cable
More results

Similar Description - 2855/1

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
14-RB1S00147 E-SWITCH-14-RB1S00147 Datasheet
90Kb / 1P
Silver Plated Copper
14-RB1S00231 E-SWITCH-14-RB1S00231 Datasheet
64Kb / 1P
Silver Plated Copper
14-RB14DE1100 E-SWITCH-14-RB14DE1100 Datasheet
62Kb / 1P
Silver Plated Copper
14-RB141D1121 E-SWITCH-14-RB141D1121 Datasheet
85Kb / 1P
Silver Plated Copper
14-RB141D1000114 E-SWITCH-14-RB141D1000114 Datasheet
89Kb / 1P
Silver Plated Copper
14-RB141D1100246 E-SWITCH-14-RB141D1100246 Datasheet
132Kb / 1P
Silver Plated Copper
14-RB143D1100 E-SWITCH-14-RB143D1100 Datasheet
81Kb / 1P
Silver Plated Copper
14-RSC141D1000117 E-SWITCH-14-RSC141D1000117 Datasheet
87Kb / 1P
Silver Plated Copper
14-RSC141D1000126 E-SWITCH-14-RSC141D1000126 Datasheet
92Kb / 1P
Silver Plated Copper
14-RSC241C1000116 E-SWITCH-14-RSC241C1000116 Datasheet
92Kb / 1P
Silver Plated Copper
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com