Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7055/19 Datasheet(PDF) 1 Page - Alpha Wire

Part # 7055/19
Description  22 (19/34) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

7055/19 Datasheet(HTML) 1 Page - Alpha Wire

  7055/19 Datasheet HTML 1Page - Alpha Wire 7055/19 Datasheet HTML 2Page - Alpha Wire 7055/19 Datasheet HTML 3Page - Alpha Wire 7055/19 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 7055/19
Construction
 
Diameters (In)
1) Component 1
1 X 1 HOOKUP
 
a) Conductor
22 (19/34) AWG Tinned Copper
0.032
b) Insulation
0.010" Wall, Nom. PVC, Irradiated
0.052+/- 0.002
(1) Print
ALPHA WIRE-*
E163869 RU AWM 1429 80C 150V VW-1
LLXXXXXX CSA AWM I A/B 80C 150V FT1 ROHS
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of manufacture.]
(2) Color(s)
WHITE, BLACK, RED, GREEN, YELLOW, BLUE, BROWN
ORANGE, SLATE, VIOLET, PINK
Applicable Specifications
1) UL
AWM/STYLE 1429
80°C / 150 VRMS
2) CSA International
AWM I A/B
80°C / 150 VRMS
 
FT1
 
Environmental


Similar Part No. - 7055/19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7055 ETC2-7055 Datasheet
338Kb / 1P
LED SPACER MOUNTS
7055 ETC2-7055 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
Alpha Wire
7055 ALPHAWIRE-7055 Datasheet
70Kb / 3P
Customer Specification
logo
Keystone Electronics Co...
7055 KEYSTONE-7055 Datasheet
315Kb / 1P
LED SPACER MOUNTS
31-07 20th
logo
Wiha Tools
70550 WIHA-70550 Datasheet
195Kb / 1P
Wiha Tamper Resistant TORX® Insert Bits and Power Bits
More results

Similar Description - 7055/19

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
3106A ETC2-3106A Datasheet
102Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346355 ETC2-1346355 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351299 ETC2-1351299 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
logo
Belden Inc.
133107A BELDEN-133107A Datasheet
87Kb / 3P
TWO 22 AWG (7X30) TINNED COPPER, DATALENE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com