Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD708BQ Datasheet(PDF) 11 Page - Analog Devices

Part # AD708BQ
Description  Ultralow Offset Voltage Dual Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD708BQ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD708BQ Datasheet HTML 7Page - Analog Devices AD708BQ Datasheet HTML 8Page - Analog Devices AD708BQ Datasheet HTML 9Page - Analog Devices AD708BQ Datasheet HTML 10Page - Analog Devices AD708BQ Datasheet HTML 11Page - Analog Devices AD708BQ Datasheet HTML 12Page - Analog Devices AD708BQ Datasheet HTML 13Page - Analog Devices AD708BQ Datasheet HTML 14Page - Analog Devices AD708BQ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD708
Rev. D | Page 11 of 16
OPERATION WITH A GAIN OF −100
To show the outstanding dc precision of the AD708 in a real
application, Table 3 shows an error budget calculation for a gain
of −100. This configuration is shown in Figure 28.
Table 3.
Error Sources
Maximum Error Contribution, AV = 100
(S Grade), (Full Scale: VOUT = 10 V, VIN = 100 mV)
VOS
30 μV/100 mV
= 300 ppm
IOS
(100 kΩ)(1 nA)/10 V
= 10 ppm
Gain (2 kΩ Load)
10 V/(5 × 106)/100 mV
= 20 ppm
Noise
0.35 mV/100 mV
= 4 ppm
VOS Drift
(0.3 mV/°C)/100 mV
= 3 ppm/°C
Total Unadjusted
Error
At 25°C
= 334 ppm > 11 bits
−55°C to +125°C
= 634 ppm > 10 bits
With Offset
Calibrated Out
At 25°C
= 34 ppm > 14 bits
−55°C to +125°C
= 334 ppm > 11 bits
1/2
AD708
VOUT
VIN
+
–
100kΩ
1kΩ
1kΩ
2
3
8
4
1
0.1µF
0.1µF
+VS
–VS
Figure 28. Gain of −100 Configuration
This error budget assumes no error in the resistor ratio and no
error from power supply variation (the 120 dB minimum PSRR
of the AD708S makes this a good assumption). The external
resistors can cause gain error from mismatch and drift over
temperature.
HIGH PRECISION PROGRAMMABLE GAIN
AMPLIFIER
The 3-op-amp programmable gain amplifier shown in Figure 29
utilizes the matching characteristics of the AD708 to achieve
high dc precision.
S3B
VDD
VSS
S1A
S2A
A0
A1
S3A
S4A
S4B
S2B
S1B
ADG1209
DA
DB
1/2
AD708
VINA
1/2
AD708
VINB
10kΩ
10kΩ
10kΩ
10kΩ
1kΩ
10kΩ
10kΩ
100Ω
10kΩ
AD8276
REF
SENSE
VOUT
Figure 29. Precision PGA
The gains of the circuit are controlled by the select lines, A0 and
A1, of the ADG1209 multiplexer and are 1, 10, 100, and 1000 in
this design.
The input stage attains very high dc precision due to the 30 μV
maximum offset voltage match of the AD708 and the 1 nA
maximum input bias current match. The accuracy is main-
tained over temperature because of the ultralow drift
performance of the AD708.
The AD8276 unity-gain difference amplifier eliminates the need
for trimming in the second stage of the instrumentation
amplifier. The AD8276 has on-chip resistors that are laser
trimmed for excellent gain accuracy and high CMRR.
To determine the CMRR, follow these steps:
1.
Connect VINB to VINA and apply an input voltage equal to
the maximum and minimum full-scale common mode
expected.
2.
Use the following equation to determine the CMRR:
CMRR = 20 log
CM
OUT
V
V
where VCM is the common-mode voltage.
To minimize gain errors, follow these steps:
1.
Select gain = 10 with the control lines and apply a
differential input voltage.
2.
Adjust the 10 kΩ potentiometer to VOUT = 10 VIN
(adjust VIN magnitude as necessary).
3.
Repeat Step 1 and Step 2 for gain = 100 and gain = 1000,
adjusting the 1 kΩ and 100 Ω potentiometers, respectively.
The design shown in Figure 29 allows 0.1% gain accuracy and
100 dB common-mode rejection when ±1% resistors and ±10%
potentiometers are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com