Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8005ART-EBZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8005ART-EBZ
Description  270 MHz, 400 μA Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8005ART-EBZ Datasheet(HTML) 3 Page - Analog Devices

  AD8005ART-EBZ Datasheet HTML 1Page - Analog Devices AD8005ART-EBZ Datasheet HTML 2Page - Analog Devices AD8005ART-EBZ Datasheet HTML 3Page - Analog Devices AD8005ART-EBZ Datasheet HTML 4Page - Analog Devices AD8005ART-EBZ Datasheet HTML 5Page - Analog Devices AD8005ART-EBZ Datasheet HTML 6Page - Analog Devices AD8005ART-EBZ Datasheet HTML 7Page - Analog Devices AD8005ART-EBZ Datasheet HTML 8Page - Analog Devices AD8005ART-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD8005
SPECIFICATIONS
±5 V SUPPLIES
At TA = +25°C, VS = ±5 V, RL = 1 kΩ, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
RF = 3.01 kΩ for N-8 Package or
RF = 2.49 kΩ for R-8 Package or
RF = 2.10 kΩ for RJ-5 Package
−3 dB Small Signal Bandwidth
G = +1, VO = 0.2 V p-p
225
270
MHz
G = +2, VO = 0.2 V p-p
140
170
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VO = 0.2 V p-p
10
30
MHz
Large Signal Bandwidth
G = +10, VO = 4 V p-p, RF = 499 Ω
40
MHz
Slew Rate (Rising Edge)
G = +2, VO = 4 V Step
280
V/µs
G = –1, VO = 4 V Step, RF = 1.5 kΩ
1500
V/µs
Settling Time to 0.1%
G = +2, VO = 2 V Step
28
ns
DISTORTION/NOISE PERFORMANCE
RF = 3.01 kΩ for N-8 Package or
RF = 2.49 kΩ for R-8 Package or
RF = 2.10 kΩ for RJ-5 Package
Total Harmonic Distortion
fC = 1 MHz, VO = 2 V p-p, G = +2
−63
dBc
fC = 10 MHz, VO = 2 V p-p, G = +2
−50
dBc
Differential Gain
NTSC, G = +2
0.11
%
Differential Phase
NTSC, G = +2
0.4
Degrees
Input Voltage Noise
f = 10 MHz
4.0
nV/√Hz
Input Current Noise
f = 10 MHz, +IIN
1.1
pA/√Hz
−IIN
9.1
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
5
30
±mV
TMIN to TMAX
50
±mV
Offset Drift
40
µV/°C
+Input Bias Current
0.5
1
±µA
TMIN to TMAX
2
±µA
−Input Bias Current
5
10
±µA
TMIN to TMAX
12
±µA
Input Bias Current Drift (±)
6
nA/°C
Open-Loop Transimpedance
400
1000
kΩ
INPUT CHARACTERISTICS
Input Resistance
+Input
90
MΩ
−Input
260
Ω
Input Capacitance
+Input
1.6
pF
Input Common-Mode Voltage Range
3.8
±V
Common-Mode Rejection Ratio
VCM = ±2.5 V
46
54
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Positive
+3.7
+3.90
V
Negative
−3.90
−3.7
V
Output Current
RL = 50 Ω
10
mA
Short Circuit Current
60
mA
POWER SUPPLY
Quiescent Current
400
475
µA
TMIN to TMAX
560
µA
Power Supply Rejection Ratio
VS = ±4 V to ±6 V
56
66
dB
Rev. B | Page 3 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com