Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8515 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8515
Description  1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8515 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8515 Datasheet HTML 8Page - Analog Devices AD8515 Datasheet HTML 9Page - Analog Devices AD8515 Datasheet HTML 10Page - Analog Devices AD8515 Datasheet HTML 11Page - Analog Devices AD8515 Datasheet HTML 12Page - Analog Devices AD8515 Datasheet HTML 13Page - Analog Devices AD8515 Datasheet HTML 14Page - Analog Devices AD8515 Datasheet HTML 15Page - Analog Devices AD8515 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
AD8515
Rev. E | Page 13 of 16
DRIVING CAPACITIVE LOADS
Most amplifiers have difficulty driving large capacitive loads.
Additionally, higher capacitance at the output can increase the
amount of overshoot and ringing in the amplifier’s step response
and can even affect the stability of the device. This is due to the
degradation of phase margin caused by additional phase lag from
the capacitive load. The value of capacitive load that an amplifier
can drive before oscillation varies with gain, supply voltage, input
signal, temperature, and other parameters. Unity gain is the most
challenging configuration for driving capacitive loads. TheAD8515
is capable of driving large capacitive loads without any external
compensation. The graphs in Figure 31 and Figure 32 show the
amplifier’s capacitive load driving capability when configured
in unity gain of +1.
The AD8515 is even capable of driving higher capacitive loads
in inverting gain of −1, as shown in Figure 33.
TIME (1µs/DIV)
VS = ±2.5V
CL = 50pF
GAIN = 1
Figure 31. Capacitive Load Driving @ CL = 50 pF
TIME (1µs/DIV)
VS = ±2.5V
CL = 500pF
GAIN = 1
Figure 32. Capacitive Load Driving @ CL = 500 pF
TIME (1µs/DIV)
VS = ±0.9V
CL = 800pF
GAIN = –1
Figure 33. Capacitive Load Driving @ CL = 800 pF
FULL POWER BANDWIDTH
The slew rate of an amplifier determines the maximum frequency
at which it can respond to a large input signal. This frequency
(known as full power bandwidth, FPBW) can be calculated from
the equation
PEAK
V
SR
FPBW
×
π
=
2
for a given distortion. The FPBW of the AD8515 is shown in
Figure 34 to be close to 200 kHz.
TIME (2µs/DIV)
VIN
VOUT
Figure 34. Full Power Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com