Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8538WAUJZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8538WAUJZ-R7
Description  Low Power, Precision, Auto-Zero Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8538WAUJZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8538WAUJZ-R7 Datasheet HTML 16Page - Analog Devices AD8538WAUJZ-R7 Datasheet HTML 17Page - Analog Devices AD8538WAUJZ-R7 Datasheet HTML 18Page - Analog Devices AD8538WAUJZ-R7 Datasheet HTML 19Page - Analog Devices AD8538WAUJZ-R7 Datasheet HTML 20Page - Analog Devices AD8538WAUJZ-R7 Datasheet HTML 21Page - Analog Devices AD8538WAUJZ-R7 Datasheet HTML 22Page - Analog Devices AD8538WAUJZ-R7 Datasheet HTML 23Page - Analog Devices AD8538WAUJZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AD8538/AD8539
Rev. B | Page 21 of 24
COMPLIANT TO JEDEC STANDARDS MO-187-AA
6°
0°
0.80
0.55
0.40
4
8
1
5
0.65 BSC
0.40
0.25
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.09
3.20
3.00
2.80
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 66. 8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
AD8538AUJZ-R2
−40°C to +125°C
5-Lead TSOT-23
UJ-5
A0C
AD8538AUJZ-REEL
−40°C to +125°C
5-Lead TSOT-23
UJ-5
A0C
AD8538AUJZ-REEL7
−40°C to +125°C
5-Lead TSOT-23
UJ-5
A0C
AD8538WAUJZ-R7
−40°C to +125°C
5-Lead TSOT-23
UJ-5
AOC
AD8538ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8538ARZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8538ARZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8539ARMZ
−40°C to +125°C
8-Lead MSOP
RM-8
A1S
AD8539ARMZ-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
A1S
AD8539ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8539ARZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8539ARZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD8538W model is available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that this automotive model may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com