Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8554 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8554
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8554 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8554 Datasheet HTML 16Page - Analog Devices AD8554 Datasheet HTML 17Page - Analog Devices AD8554 Datasheet HTML 18Page - Analog Devices AD8554 Datasheet HTML 19Page - Analog Devices AD8554 Datasheet HTML 20Page - Analog Devices AD8554 Datasheet HTML 21Page - Analog Devices AD8554 Datasheet HTML 22Page - Analog Devices AD8554 Datasheet HTML 23Page - Analog Devices AD8554 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8551/AD8552/AD8554
Data Sheet
Rev. F | Page 20 of 24
APPLICATIONS INFORMATION
A 5 V PRECISION STRAIN GAGE CIRCUIT
The extremely low offset voltage of the AD8552 makes it an
ideal amplifier for any application requiring accuracy with high
gains, such as a weigh scale or strain gage. Figure 65 shows a
configuration for a single-supply, precision, strain gage
measurement system.
A REF192 provides a 2.5 V precision reference voltage for A2.
The A2 amplifier boosts this voltage to provide a 4.0 V reference
for the top of the strain gage resistor bridge. Q1 provides the
current drive for the 350 Ω bridge network. A1 is used to
amplify the output of the bridge with the full-scale output
voltage equal to
(
)
B
2
1
R
R
R +
×
2
(17)
where RB is the resistance of the load cell.
Using the values given in Figure 65, the output voltage linearly
varies from 0 V with no strain to 4.0 V under full strain.
NOTES
1. USE 0.1% TOLERANCE RESISTORS.
AD8552-A
AD8552-B
REF192
5V
2.5V
6
4
3
2
4.0V
A2
A1
VOUT
0V TO 4.0V
40mV
FULL-SCALE
Q1
2N2222
OR
EQUIVALENT
350Ω
LOAD
CELL
1kΩ
12.0kΩ
20kΩ
R1
17.4kΩ
R2
100Ω
R3
17.4kΩ
R4
100Ω
Figure 65. A 5 V Precision Strain Gage Amplifier
3 V INSTRUMENTATION AMPLIFIER
The high common-mode rejection, high open-loop gain, and
operation down to 3 V of supply voltage makes the AD8551/
AD8552/AD8554 an excellent choice of op amp for discrete
single-supply instrumentation amplifiers. The common-mode
rejection ratio of the AD8551/AD8552/AD8554 is greater than
120 dB, but the CMRR of the system is also a function of the
external resistor tolerances. The gain of the difference amplifier
shown in Figure 66 is given as


−


+


+
=
1
2
2
1
4
3
4
OUT
R
R
V
R
R
R
R
R
V
V
2
1
1
(18)
V2
V1
R1
R2
VOUT
AD8551/
AD8552/
AD8554
R3
R4
IF
R4
R3
R2
R1
R2
R1
=
, THEN VOUT =
× (V1 – V2)
Figure 66. Using the AD8551/AD8552/AD8554 as a Difference Amplifier
In an ideal difference amplifier, the ratio of the resistors are set
exactly equal to
3
4
1
2
V
R
R
R
R
A
=
=
(19)
Which sets the output voltage of the system to
VOUT = AV(V1 − V2)
(20)
Due to finite component tolerance, the ratio between the four
resistors is not exactly equal, and any mismatch results in a
reduction of common-mode rejection from the system. Referring
to Figure 66, the exact common-mode rejection ratio can be
expressed as
3
2
4
1
3
2
4
2
4
1
R
R
R
R
R
R
R
R
R
R
CMRR
2
2
2
−
+
+
=
(21)
In the three-op amp, instrumentation amplifier configuration
shown in Figure 67, the output difference amplifier is set to
unity gain with all four resistors equal in value. If the tolerance
of the resistors used in the circuit is given as δ, the worst-case
CMRR of the instrumentation amplifier is
δ
CMRRMIN
2
1
=
(22)
VOUT = 1 +
2R
RG
(V1 – V2)
R
R
R
R
AD8554-C
V2
R
R
V1
AD8554-B
AD8554-A
RTRIM
RG
VOUT
Figure 67. A Discrete Instrumentation Amplifier Configuration
Consequently, using 1% tolerance resistors results in a worst-case
system CMRR of 0.02, or 34 dB. Therefore, either high precision
resistors or an additional trimming resistor, as shown in Figure 67,
must be used to achieve high common-mode rejection. The
value of this trimming resistor must be equal to the value of R
multiplied by its tolerance. For example, using 10 kΩ resistors
with 1% tolerance requires a series trimming resistor equal to
100 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com