Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8539ARZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD8539ARZ
Description  Low Power, Precision, Auto-Zero Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8539ARZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8539ARZ Datasheet HTML 8Page - Analog Devices AD8539ARZ Datasheet HTML 9Page - Analog Devices AD8539ARZ Datasheet HTML 10Page - Analog Devices AD8539ARZ Datasheet HTML 11Page - Analog Devices AD8539ARZ Datasheet HTML 12Page - Analog Devices AD8539ARZ Datasheet HTML 13Page - Analog Devices AD8539ARZ Datasheet HTML 14Page - Analog Devices AD8539ARZ Datasheet HTML 15Page - Analog Devices AD8539ARZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8538/AD8539
Data Sheet
Rev. B | Page 12 of 24
VSY = 2.7 V or ±1.35 V, AD8538 only, unless otherwise noted.
180
0
INPUT OFFSET VOLTAGE (µV)
20
40
60
80
100
120
140
160
–10.0 –8.4 –6.8 –5.2 –3.6 –2.0 –0.4 1.2
2.8
4.4
6.0
7.6
9.2
VSY = 2.7V
0V < VCM < 2.7V
TA = 25°C
Figure 26. AD8538 Input Offset Voltage Distribution
35
0
TCVOS (µV/°C)
5
10
15
20
25
30
0
0.012
0.024
0.036
0.048
0.060
0.072
0.084
0.096
VSY = 2.7V
–40°C < TA < +125°C
Figure 27. AD8538 Input Offset Voltage Drift Distribution
10
–10
0
2.5
INPUT COMMON-MODE VOLTAGE (V)
–8
–6
–4
–2
0
2
4
6
8
0.5
1.0
1.5
2.0
VSY = 2.7V
TA = 25°C
Figure 28. AD8538 Input Offset Voltage vs. Input Common-Mode Voltage
10000
0.1
0.001
1
LOAD CURRENT (mA)
1
10
100
1000
0.01
0.1
SINK
SOURCE
VSY = 2.7V
TA = 25°C
Figure 29. AD8538 Output Saturation Voltage vs. Load Current
30
0
–40
125
TEMPERATURE (°C)
5
10
15
20
25
–25
–10
5
20
35
50
65
80
95
110
VSY = 2.7V
RL = 10kΩ
VSY = VOH
VOL
Figure 30. AD8538 Output Saturation Voltage vs. Temperature
80
0
1
1000
LOAD CAPACITANCE (pF)
10
20
30
40
50
60
70
10
100
OS+
OS–
VSY = 2.7V
TA = 25°C
RL = 2kΩ
Figure 31. AD8538 Small Signal Overshoot vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com