Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAL-M5-5 Datasheet(PDF) 1 Page - Festo Corporation.

Part # VAL-M5-5
Description  Length compensator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VAL-M5-5 Datasheet(HTML) 1 Page - Festo Corporation.

  VAL-M5-5 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Length compensator
VAL-M5-5
Part number: 151209
General operating condition
Data sheet
Feature
Value
Suction cup holder height compensator
5 mm
Mounting position
Any
Structural design
Vacuum connection at top
Operating pressure
-0.95 bar ... 8 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Suitability for the production of Li-ion batteries
Metals with more than 1% by mass of copper, zinc or nickel by mass
are excluded from use. Exceptions are nickel in steel, chemically nickel-
plated surfaces, printed circuit boards, cables, electrical plug connectors
and coils
Ambient temperature
-10 °C ... 60 °C
Product weight
25 g
Type of mounting
With external thread M16x1
Suction cup mounting
M5
Vacuum connection
M5
Note on materials
RoHS-compliant
Seals material
NBR
Housing material
Aluminum
Retaining bracket material
Aluminum
POM
High-alloy stainless steel
9/24/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - VAL-M5-5

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VAL-1/4-20 FESTO-VAL-1/4-20 Datasheet
104Kb / 1P
Length compensator
VAL-1/8-10 FESTO-VAL-1/8-10 Datasheet
104Kb / 1P
Length compensator
More results

Similar Description - VAL-M5-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AC1226 AD-AC1226 Datasheet
374Kb / 4P
Micropower Thermocouple Cold Junction Compensator
logo
Linear Technology
LT1025 LINER-LT1025 Datasheet
656Kb / 8P
Micropower Thermocouple Cold Junction Compensator
LT1025 LINER-LT1025_03 Datasheet
193Kb / 12P
Micropower Thermocouple Cold Junction Compensator
logo
Fuji Electric
EDS9-5J FUJI-EDS9-5J Datasheet
257Kb / 4P
FC SERIES FLOW RATE COMPENSATOR
logo
Linear Technology
LT6110 LINER-LT6110 Datasheet
523Kb / 38P
Cable/Wire Drop Compensator
LT1025ACJ8 LINER-LT1025ACJ8 Datasheet
182Kb / 12P
Micropower Thermocouple Cold Junction Compensator
logo
Analog Devices
AC1226 AD-AC1226_15 Datasheet
395Kb / 4P
MICROPOWER THERMOCOUPLE COLD JUNCTION COMPENSATOR
REV. A
logo
Linear Technology
LT1025 LINER-LT1025_15 Datasheet
203Kb / 12P
Micropower Thermocouple Cold Junction Compensator
LT6110 LINER-LT6110_15 Datasheet
525Kb / 38P
Cable/Wire Drop Compensator
logo
Guerrilla RF, Inc.
GRF4002-W GUERRILLA-GRF4002-W Datasheet
984Kb / 16P
LNA-Driver: SDARS/Compensator/GPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com