Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8960 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8960
Description  ATSC 8-VSB demodulator and decoder
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8960 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8960 Datasheet HTML 17Page - NXP Semiconductors TDA8960 Datasheet HTML 18Page - NXP Semiconductors TDA8960 Datasheet HTML 19Page - NXP Semiconductors TDA8960 Datasheet HTML 20Page - NXP Semiconductors TDA8960 Datasheet HTML 21Page - NXP Semiconductors TDA8960 Datasheet HTML 22Page - NXP Semiconductors TDA8960 Datasheet HTML 23Page - NXP Semiconductors TDA8960 Datasheet HTML 24Page - NXP Semiconductors TDA8960 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
1999 Jun 14
21
Philips Semiconductors
Preliminary specification
ATSC 8-VSB demodulator and decoder
TDA8960
DC CHARACTERISTICS
VDDD = 3.3 V; VSSD = 0 V; Tamb =25 °C; unless otherwise specified; note 1.
Notes
1. All supply connections must be made to the same external power supply unit.
2. Open-drain output, determined by VDDD via an external pull-up resistor.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDDD
digital supply voltage
3.0
3.3
3.6
V
IDDD
digital supply current
−
300
−
mA
Inputs
VIL
LOW-level input voltage
−−
0.8
V
VIH
HIGH-level input voltage
2.0
−−
V
ILI
input leakage current
−−
1
µA
Ci
input capacitance
8
−
25
pF
Output
VOL
LOW-level output voltage
−−
0.4
V
VOH
HIGH-level output voltage
2.4
−−
V
IOL
LOW-level output current
−−
4mA
3-state output, pin AGCOUT
IO(Z)
high-impedance output current
−−
1
µA
CO(Z)
high-impedance output
capacitance
−−
100
pF
I2C-bus, pins SDA and SCL
VIL
LOW-level input voltage
−0.5
−
0.3VDDD
V
VIH
HIGH-level input voltage
0.7VDDD
−
VDDD + 0.5 V
VOL
LOW-level output voltage
0
−
0.4
V
VOH
HIGH-level output voltage
note 2
−−
3.3
V
IOL
LOW-level output current
VOL = 0.4 V
3
−−
mA
IL
leakage current
VI =VSSD or VDDD
−−±10
µA
Ci
input capacitance
VI =VSSD
−−
8pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com