Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4431-1YCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4431-1YCPZ-R7
Description  Ultralow Power SD Video Filter with Load Detection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4431-1YCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4431-1YCPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4431-1YCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Ultralow Power SD Video Filter
with Load Detection
ADA4431-1
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Third-order, low-pass video filter
1 dB flatness out to 6 MHz
27 dB rejection at 27 MHz
Low quiescent current: 4.7 mA typical
Low power-down current: 24 μA typical
Load detection capability
SAG correction
Allows use of smaller capacitors in ac-coupled outputs
Low supply voltage: 2.5 V to 3.6 V
Charge pump
Creates a negative voltage from single positive supply
Allows capless output coupling with no dc offset
Rail-to-rail output
High input-to-output isolation in disabled state
89 dB @ 1 MHz
Small package
3 mm × 3 mm LFCSP
Low 0.55 mm package height
Wide operating temperature range: −40°C to +85°C
APPLICATIONS
Portable media players
Portable gaming consoles
Cell phones
Digital still cameras
Portable DVD players
Portable video cameras
PIN CONFIGURATION
1
2
3
GND
SUBS
+VS
4
CAP1
12
10
9
+VS
DIS
11
IN
LDO
LOAD
DETECT
LPF
G = 2
CHARGE PUMP
Figure 1.
LPF
x1
x2
OUT
IN
75Ω
4
3
2
7
56
8
9 11
12
VIDEO
DAC/
ENCODER
SYSTEM
CONTROLLER
LDO
DIS
GND
CAP4 CAP3
0.1µF
CAP2 CAP1
0.1µF
SUBS GND
1.0µF
SAG
FB1
FB2
14
15
16
13
VIDEO
OUT
0.1µF
0.1µF
+VS
+VS
+VS
ADA4431-1
110
Figure 2. Typical Application Circuit
GENERAL DESCRIPTION
The ADA4431-1 is a fully integrated video reconstruction filter
that combines excellent video specifications with low power
consumption, making it ideal for portable video filtering
applications. The ADA4431-1 is able to detect whether a video
load is present at the output, powering down the device when
the load is disconnected.
The ADA4431-1 operates on single supplies as low as 2.5 V
while providing the dynamic range required by the most
demanding video systems. The on-board charge pump
provides a virtual negative supply, allowing the video signal to
be dc-coupled and the black level to be set to ground, while the
sync passes cleanly at 300 mV below ground.
When operating with the charge pump off, the ADA4431-1
provides a dc offset to keep the sync tip approximately 100 mV
above ground. In addition, the part features SAG correction,
which permits the use of smaller capacitors in applications with
ac-coupled outputs.
The ADA4431-1 is packaged in a low profile 16-lead LFCSP and
operates in the industrial temperature range of −40°C to +85°C.


Similar Part No. - ADA4431-1YCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4431-1YCPZ-R7 AD-ADA4431-1YCPZ-R7 Datasheet
421Kb / 12P
Ultralow Power SD Video Filter with Load Detection
Rev. A
More results

Similar Description - ADA4431-1YCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4430-1 AD-ADA4430-1 Datasheet
383Kb / 16P
Ultralow Power Video Filter with Power-Down
6/06-Rev. 0 to Rev. A
logo
STMicroelectronics
TSH173 STMICROELECTRONICS-TSH173 Datasheet
191Kb / 13P
Triple video buffer with filter for SD video
21-Mar-2007
logo
Maxim Integrated Produc...
MAX9507 MAXIM-MAX9507 Datasheet
465Kb / 29P
1.8V DirectDrive Video Filter Amplifier with Load Detection and Dual SPST Analog Switches
Rev 0; 11/07
logo
STMicroelectronics
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
Triple video buffer with selectable filter for HD and SD video applications
May-2007
logo
Analog Devices
ADA4432-1 AD-ADA4432-1 Datasheet
1Mb / 28P
SD Video Filter Amplifiers
REV. A
logo
ON Semiconductor
NCS2584 ONSEMI-NCS2584 Datasheet
268Kb / 17P
Four-Channel Video Driver with Load Detection and Signal Detection
August, 2012 ??Rev. 0
logo
Analog Devices
ADA4430-1 AD-ADA4430-1_15 Datasheet
407Kb / 20P
Ultralow Power Video Filter with Power-Down
REV. C
ADA4431-1 AD-ADA4431-1_15 Datasheet
457Kb / 12P
Ultralow Power SD Video Filter with Load Detection
REV. 0
logo
STMicroelectronics
AN2705 STMICROELECTRONICS-AN2705 Datasheet
214Kb / 8P
TSH173 triple video buffer with filter for SD video
31-Jan-2008
logo
Analog Devices
ADA4432-1 AD-ADA4432-1_17 Datasheet
517Kb / 25P
SD Video Filter Amplifiers
5/2017-Rev. D to Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com