Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM1207R Datasheet(PDF) 1 Page - Alpha Wire

Part # XM1207R
Description  12 (168(7x24)/34) AWG Bare Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

XM1207R Datasheet(HTML) 1 Page - Alpha Wire

  XM1207R Datasheet HTML 1Page - Alpha Wire XM1207R Datasheet HTML 2Page - Alpha Wire XM1207R Datasheet HTML 3Page - Alpha Wire XM1207R Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. XM1207R
Construction
 
Diameters (In)
1) Component 1
7 X 1 COND
 
a) Conductor
12 (168(7x24)/34) AWG Bare Copper
0.104
b) Insulation
0.016" Wall, Nom. PVC/ 0.005" Wall NYLON
0.146
(1) Print
ALPHANUMERIC NUMBERS - 1-ONE ALTERNATING AND
INVERTED
(2) Color Code
Alpha Wire Color Code RX
Cond Color
Cond Color
Cond Color
1
GREEN/YELLOW 4
RED#3 7
RED#6
2
RED#1
5
RED#4
 
3
RED#2
6
RED#5
 
2) Cable Assembly
7 Components Cabled
 
a) Twists:
2.5 Twists/foot (min)
 
b) Orientation:
Components to be arranged from OUTSIDE LAYER to
INSIDE LAYER
 
c) Core Wrap
REMAY Tape, 25% Overlap, Min.
 
3) Jacket
0.065" Wall, Nom.,PVC
0.640+/- 0.026
a) Color(s)
BLACK
b) Print
ALPHA WIRE-* P/N XM1207R 7C 12 AWG (3.38mm2)
THWN-2 SERIES XM (UL) WTTC 90C WET/DRY 1000V OR
(UL) TC-ER 90C WET/DRY 600V SUN RES
DIR BUR OIL RES I OR MTW 12 AWG
OR CRU AWM I/II A/B 90C 600V FT4
CE ROHS (DATE CODE) (SEQ FOOTAGE)
* = Factory Code
Applicable Specifications


Similar Part No. - XM1207R

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
XM1207KCY ALPHAWIRE-XM1207KCY Datasheet
397Kb / 4P
12 (168(7x24)/34) AWG Bare Copper
XM1207L ALPHAWIRE-XM1207L Datasheet
396Kb / 4P
12 (168(7x24)/34) AWG Bare Copper
XM1207LCY ALPHAWIRE-XM1207LCY Datasheet
397Kb / 4P
12 (168(7x24)/34) AWG Bare Copper
More results

Similar Description - XM1207R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344803 ETC2-1344803 Datasheet
109Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1345253 ETC2-1345253 Datasheet
101Kb / 3P
23 AWG Solid .023 bare copper or bare copper-covered steel conductor, polyethylene insulation
1345263 ETC2-1345263 Datasheet
106Kb / 4P
24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1346109 ETC2-1346109 Datasheet
99Kb / 3P
18 AWG bare copper conductor, foam polyethylene insulation
1347027 ETC2-1347027 Datasheet
102Kb / 3P
Series 6, 18 AWG solid .040 bare copper or bare copper-covered steel conductor
1347101 ETC2-1347101 Datasheet
98Kb / 3P
16 AWG pairs stranded (7x24) bare copper conductors, twisted pairs, PVC insulation
1348449 ETC2-1348449 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors
1682749 ETC2-1682749 Datasheet
97Kb / 2P
24 AWG solid bare copper conductors, twisted pair, PVC insulation
1030A ETC2-1030A Datasheet
104Kb / 3P
16 AWG pairs stranded (7x24) bare copper conductors, twisted pairs, overall Beldfoil shield
1300SB ETC2-1300SB Datasheet
109Kb / 3P
24 AWG solid bare copper conductors, polypropylene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com