Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9141 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9141
Description  PAL/NTSC/SECAM decoder/sync processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9141 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9141 Datasheet HTML 17Page - NXP Semiconductors TDA9141 Datasheet HTML 18Page - NXP Semiconductors TDA9141 Datasheet HTML 19Page - NXP Semiconductors TDA9141 Datasheet HTML 20Page - NXP Semiconductors TDA9141 Datasheet HTML 21Page - NXP Semiconductors TDA9141 Datasheet HTML 22Page - NXP Semiconductors TDA9141 Datasheet HTML 23Page - NXP Semiconductors TDA9141 Datasheet HTML 24Page - NXP Semiconductors TDA9141 Datasheet HTML 25Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
December 1992
21
Philips Semiconductors
Product specification
PAL/NTSC/SECAM decoder/sync processor
TDA9141
Output and input/output port
O PORT (OPB/CLP MODE)
VOH
HIGH level output voltage
4.0
5.0
5.5
V
VOL
LOW level output voltage
−
0.2
0.4
V
Isink
sink current
100
−−µA
Isource
source current
100
−−µA
I/O PORT (OPB/CLP MODE)
VOH
HIGH level output voltage
−−
VSUP
V
VOL
LOW level output voltage
−
0.2
0.4
V
Isink
sink current
2
−−
mA
VIH
HIGH level input voltage
2.0
−−
V
VIL
LOW level input voltage
−−
0.6
V
YUV switches (note 3)
RGB INPUTS (NOTE 3)
VI(p-p)
input voltage (peak-to-peak value)
note 4
−
0.7
1.0
V
ZI
input impedance
3
−−
M
Ω
UV INPUTS (NOTE 3)
VI(p-p)
U input voltage (peak-to-peak value)
note 3
−
1.33
1.90
V
VI(p-p)
V input voltage (peak-to-peak value)
−
1.05
1.50
V
ZI
input impedance (both inputs)
3
−−
M
Ω
Y OUTPUT
VO(p-p)
U output voltage (peak-to-peak value)
note 4;
top sync-to-white
−
1.43
−
V
ZO
output impedance
−−
250
Ω
VO
DC output voltage level
top sync
−
2.5
−
V
S/N
signal-to-noise ratio
−
tbf
−
dB
UV OUTPUTS (NOTE 3)
VO(p-p)
U output voltage (peak-to-peak value)
−
1.33
1.90
V
VO(p-p)
V output voltage (peak-to-peak value)
−
1.05
1.50
V
ZO
output impedance (both outputs)
−−
250
Ω
VO
DC output voltage level
−
2.7
−
V
GENERAL
Vdiff
difference between black levels of
YUV outputs in RGB mode
and YUV mode
sync locked
−−
10
mV
NL
non-linearity
any input to any output
−−
5%
B
bandwidth
any input to any output
−
7
−
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com