Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF68083X Datasheet(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

Part # SSF68083X
Description  Advanced MOSFETprocess technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF68083X Datasheet(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSF68083X Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF68083X Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF68083X Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF68083X Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF68083X Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF68083X Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF68083X Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF68083X Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SSF68083X &SSF6808F3X
©Silikron Microelectronics (Suzhou) Co.,Ltd
www.silikron.com
Version :1.0
page 1 of 8
Main Product Characteristics:
Features and Benefits:
Description:
Absolute Max Rating:
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V①
80
A
IDM
Pulsed Drain Current②
320
PD @TC = 25°C
Power Dissipation③
TO220
92
W
TO220F
38
VDS
Drain-Source Voltage
60
V
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy @ L=0.5mH
191
mJ
TJ TSTG
Operating Junction and Storage Temperature Range
-55 to +150
°C
VDSS
60V
RDS(on)
6.0mΩ (typ.)
ID
80A
SchematicDiagram
Advanced MOSFETprocess technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
150℃ operating temperature
It utilizes the latest processing techniques to achieve the high cell density and reduces the on-resistance with
high repetitive avalanche rating. These features combine to make this design an extremely efficient and reliable
device for use in power switching application and a wide variety of other applications.
TO-220
SSF68083X
TO-220F
SSF6808F3X


Similar Part No. - SSF68083X

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF6808 SILIKRON-SSF6808 Datasheet
340Kb / 5P
Power switching application
logo
GOOD-ARK Electronics
SSF6808 GOOD-ARK-SSF6808 Datasheet
961Kb / 5P
68V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF6808A SILIKRON-SSF6808A Datasheet
466Kb / 5P
Advanced trench process technology
logo
GOOD-ARK Electronics
SSF6808A GOOD-ARK-SSF6808A Datasheet
1,000Kb / 5P
68V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF6808A3X SILIKRON-SSF6808A3X Datasheet
966Kb / 8P
Advanced MOSFETprocess technology
More results

Similar Description - SSF68083X

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRF9Z34N KERSEMI-AUIRF9Z34N Datasheet
1Mb / 10P
Advanced Planar Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com