Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C3028LD Datasheet(PDF) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # C3028LD
Description  N-Channel and P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

C3028LD Datasheet(HTML) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

  C3028LD Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 6Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 7Page - BYCHIP ELECTRONICS CO., LIMITED C3028LD Datasheet HTML 8Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
■
NMOS Electrical Characteristics (TJ=25℃ unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Static Parameter
Drain-Source Breakdown Voltage
BVDSS
VGS= 0V, ID=250μA
30
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
-
-
1
μA
VDS=30V, VGS=0V, Tj=150℃
-
-
100
Gate-Body Leakage Current
IGSS
VGS= ±20V, VDS=0V
-
-
±100
nA
Gate Threshold Voltage
VGS(th)
VDS= VGS, ID=250μA
1.0
2.
5
V
Static Drain-Source On-Resistance
RDS(on)
VGS=10V, ID=7A
-
15
m
Ω
VGS=4.5V, ID=5A
-
23
Diode Forward Voltage
VSD
IS=7A, VGS=0V
-
-
1.2
V
Gate resistance
RG
f=1MHz
-
2
-
Ω
Maximum Body-Diode Continuous
Current
IS
-
-
7
A
Dynamic Parameters
Input Capacitance
Ciss
VDS=15V, VGS=0V, f=1MHz
-
380
-
pF
Output Capacitance
Coss
-
75
-
Reverse Transfer Capacitance
Crss
-
60
-
Switching Parameters
Total Gate Charge
Qg
VGS=10V, VDS=15V, ID=7A
-
12.5
-
nC
Gate-Source Charge
Qgs
-
2.5
-
Gate-Drain Charge
Qgd
-
2.5
-
Reverse Recovery Charge
Qrr
IF=7A, di/dt=100A/us
-
1.5
-
nC
Reverse Recovery Time
trr
-
16
-
ns
Turn-on Delay Time
tD(on)
VGS=10V, VDD=15V, ID=7A
RGEN=3Ω
-
5
-
ns
Turn-on Rise Time
tr
-
30
-
Turn-off Delay Time
tD(off)
-
15
-
Turn-off fall Time
tf
-
20
-
www.bychip.cn
C3028LD
v2.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com