Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEM4435A Datasheet(PDF) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # CEM4435A
Description  P-channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

CEM4435A Datasheet(HTML) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

  CEM4435A Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED CEM4435A Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED CEM4435A Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED CEM4435A Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED CEM4435A Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications T
J = 25ºC, unless otherwise noted
Parameter
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
Static Parameters
Drain-Source Breakdown Voltage
V
(BR)DSS
V
GS = 0V, ID = -250µA
-30
--
--
V
Zero Gate Voltage Drain Current
I
DSS
V
DS = -30V, VGS = 0V
--
--
-1
uA
Gate-Source Leakage
I
GSS
V
GS = ±20V
--
--
±100
nA
Gate-Source Threshold Voltage
V
GS(th)
V
DS = VGS, ID = -250µA
-1
-
3
V
Drain-Source On-Resistance
R
DS(on)
V
GS = -10V, ID = -3A
--
16
m
Ω
V
GS = -4.5V, ID = -2A
--
23
Dynamic Parameters
Input Capacitance
C
iss
V
GS = 0V,
V
DS = -15V,
f = 1.0MHz
--
1253
--
pF
Output Capacitance
C
oss
--
181
--
Reverse Transfer Capacitance
C
rss
--
158
--
Total Gate Charge
Q
g
V
DD = -15V,
I
D = -3A,
V
GS = -10V
--
24.5
--
nC
Gate-Source Charge
Q
gs
--
3
--
Gate-Drain Charge
Q
gd
--
6
--
Turn-on Delay Time
t
d(on)
V
DD = -15V,
I
D = -3A,
R
G = 1Ω
--
8
--
ns
Turn-on Rise Time
t
r
--
9
--
Turn-off Delay Time
t
d(off)
--
26
--
Turn-off Fall Time
t
f
--
8
--
Drain-Source Body Diode Characteristics
Continuous Body Diode Current
I
S
T
C = 25º
C
--
--
-9
A
Body Diode Voltage
V
SD
T
J = 25º
C, I
SD = -3A, VGS = 0V
--
--
-1.2
V
Notes
1.
Repetitive Rating: Pulse width limited by maximum junction temperature
2.
Identical low side and high side switch with identical R
G
3.
V
DD = -30V, RG = 25Ω, L=0.5 mH, Starting TJ = 25°C 。
www.bychip.cn
CEM4435A
v2.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com