Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3030LSS-13 Datasheet(PDF) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # DMN3030LSS-13
Description  N-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

DMN3030LSS-13 Datasheet(HTML) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

  DMN3030LSS-13 Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED DMN3030LSS-13 Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED DMN3030LSS-13 Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED DMN3030LSS-13 Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED DMN3030LSS-13 Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
■ Electrical Characteristics (TJ=25℃ unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Static Parameter
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250μA
20
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
1
μA
Gate-Body Leakage Current
IGSS
VGS=±10V, VDS=0V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS= VGS, ID=250μA
0.
5
2.0
V
Static Drain-Source On-Resistance
RDS(ON)
VGS=4.5V, ID=10A
11
mΩ
VGS=2.5V, ID=4A
14
VGS=1.8V, ID=2A
18.2
Diode Forward Voltage
VSD
IS=10A,VGS=0V
1.2
V
Dynamic Parameters
Input Capacitance
Ciss
VDS=10V,VGS=0V,f=1MHZ
888
pF
Output Capacitance
Coss
133
Reverse Transfer Capacitance
Crss
117
Switching Parameters
Total Gate Charge
Qg
VGS=4.5V,VDS=10V,ID=6.8A
11.05
nC
Gate-Source Charge
Qgs
1.73
Gate-Drain Charge
Qgd
3.1
Turn-on Delay Time
tD(on)
VGS=4.5V, VDS=10V, ID=6.8A
RGEN=3Ω
7
ns
Turn-on Rise Time
tr
46
Turn-off Delay Time
tD(off)
30
Turn-off fall Time
tf
52
A.
Pulse Test: Pulse Width≤300us,Duty cycle ≤2%.
B.
RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance, where the case thermal reference is defined as the solder
mounting surface of the drain pins. RθJC is guaranteed by design, while RθJA is determined by the board design. The maximum rating presented
here is based on mounting on a 1 in 2 pad of 2oz copper.
www.bychip.cn
DMN3112SSS-13
v2.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com